Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6446AINZWT Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 165 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 161Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 162Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 163Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 164Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 165Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 166Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 167Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 168Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.13.1.5 Histogram
The histogram module accepts raw image/video data and bins the pixels on a value (and color separate)
basis. The value of the pixel itself is not stored, but each bin contains the number of pixels that are within
the appropriate set range. The source of the raw data for the histogram is typically a CCD/CMOS sensor
(via the CCDC module) or optionally from DDR2. The following features are supported by the histogram
module.
•
Up to four regions/areas.
•
Separate horizontal/vertical start and end position for each region.
•
Pixels from overlapping regions are accumulated into the highest priority region.
The priority is: region0 > region1 > region2 > region3.
•
Interface to conventional Bayer pattern. Each region can accumulate either 3 or 4 colors.
•
32, 64, 128, or 256 bins per color per region.
•
32, 64, or 128 bins per color for 2 regions.
•
32 or 64 bins per color for 3 or 4 regions.
•
Automatic clear of histogram RAM after an ARM read.
•
Saturation of the pixel count if the count exceeds the maximum value (each memory location is 20-bit
wide).
•
Downshift ranging from 0 to 7 bits (maximum bin range 128).
•
The last bin (highest range of values) will accumulate any value that is higher than the lower bound.
The Histogram register memory mapping is shown in Table 6-52.
Table 6-52. Histogram Register Descriptions
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 1000
PID
Peripheral Revision and Class Information Register
0x01C7 1004
PCR
Peripheral Control Register
0x01C7 1008
HIST_CNT
Histogram Control Bits Register
0x01C7 100C
WB_GAIN
White/Channel Balance Settings Register
0x01C7 1010
R0_HORZ
Region 0 Horizontal Information Register
0x01C7 1014
R0_VERT
Region 0 Vertical Information Register
0x01C7 1018
R1_HORZ
Region 1 Horizontal Information Register
0x01C7 101C
R1_VERT
Region 1 Vertical Information Register
0x01C7 1020
R2_HORZ
Region 2 Horizontal Information Register
0x01C7 1024
R2_VERT
Region 2 Vertical Information Register
0x01C7 1028
R3_HORZ
Region 3 Horizontal Information Register
0x01C7 102C
R3_VERT
Region 3 Vertical Information Register
0x01C7 1030
HIST_ADDR
Histogram Address for Data to be Read Register
0x01C7 1034
HIST_DATA
Histogram Data That is Read From the Memory Register
0x01C7 1038
RADD
Read Address From DDR2 Memory Register
0x01C7 103C
RADD_OFF
Read Address Offset for Each Line in the DDR2 Memory Register
0x01C7 1040
H_V_INFO
Horizontal/Vertical Information Register (Horizontal/Vertical Number of
Pixels When Data is Read From DDR2 Memory Information Register)
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
165
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com