| Electronic Components Datasheet Search |
|
TNETV6446AINZWT Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 227 page ![]() TMS320DM6446 www.ti.com SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 Table 2-9. EMIFA Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION NAME NO. EMIFA FUNCTIONAL PINS: NAND / SMARTMEDIA / xD EM_A[1]/ This pin is multiplexed between EMIFA and HPI. (ALE)/ J2 I/O/Z DVDD18 For NAND/SmartMedia/xD, it is Address Latch Enable output (ALE). HHWIL EM_A[2]/ This pin is multiplexed between EMIFA and HPI. (CLE)/ J1 I/O/Z DVDD18 For NAND/SmartMedia/xD, this pin is the Command Latch Enable output (CLE). HCNTL0 EM_WAIT/ (RDY/BSY)/ IPU This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. F1 I/O/Z IORDY/ DVDD18 For NAND/SmartMedia/xD, it is ready/busy input (RDY/BSY). HRDY EM_OE/ ( RE )/ This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. ( IORD )/ H4 I/O/Z DVDD18 For NAND/SmartMedia/xD, it is read enable output (RE). DIOR/ HDS1 EM_WE (WE) This pin is multiplexed between EMIFA (NAND/SmartMedia/xD), ATA/CF, and HPI. (IOWR)/ G2 I/O/Z DVDD18 For NAND/SmartMedia/xD, it is write enable output (WE). DIOW/ HDS2 This pin is multiplexed between EMIFA and HPI. EM_CS2/ For EMIFA, this pin is Chip Select 2 output EM_CS2 for use with asynchronous C2 I/O/Z DVDD18 HCS memories (i.e. NOR flash) or NAND flash. This is the chip select for the default boot and ROM boot modes. For EMIFA, this pin is Chip Select 3 output EM_CS3 for use with asynchronous EM_CS3 B1 I/O/Z DVDD18 memories (i.e. NOR flash) or NAND flash. EM_CS4/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is Chip GPIO9/ T2 I/O/Z DVDD18 Select 4 output EM_CS4 for use with asynchronous memories (i.e., NOR flash) or VLYNQ_SCRUN NAND flash. EM_CS5/ This pin is multiplexed between EMIFA, GPIO, and VLYNQ. For EMIFA, it is Chip GPIO8/ T1 I/O/Z DVDD18 Select 5 output EM_CS5 for use with asynchronous memories (i.e., NOR flash) or VLYNQ_CLOCK NAND flash. Copyright © 2005–2010, Texas Instruments Incorporated Device Overview 33 Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |