Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6446AINZWT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 10Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 11Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 12Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 13Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 14Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 15Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 16Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 17Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
2.3.9
Peripherals
The ARM9 has access to all of the peripherals on the DM6446 device with the exception of the VICP.
2.3.10 PLL Controller (PLLC)
The ARM Subsystem includes the PLL Controller. The PLL Controller contains a set of registers for
configuring DM6446’s two internal PLLs (PLL1 and PLL2). The PLL Controller provides the following
configuration and control:
•
PLL Bypass Mode
•
Set PLL multiplier parameters
•
Set PLL divider parameters
•
PLL power down
•
Oscillator power down
The PLLs are briefly described in this document in Section 6.6, Clock PLLs. For more detailed information
on the PLLs and PLL Controller register descriptions, see the TMS320DM644x DMSoC ARM Subsystem
Reference Guide (literature number SPRUE14).
2.3.11 Power and Sleep Controller (PSC)
The ARM Subsystem includes the Power and Sleep Controller (PSC). Through register settings
accessible by the ARM9, the PSC provides two levels of power savings: peripheral/module clock gating
and power domain shut-off. Brief details on the PSC are given in Section 6.3, Power Supplies. For more
detailed information and complete register descriptions for the PSC, see the TMS320DM644x DMSoC
ARM Subsystem Reference Guide (literature number SPRUE14).
2.3.12 ARM Interrupt Controller (AINTC)
The ARM Interrupt Controller (AINTC) accepts device interrupts and maps them to either the ARM’s IRQ
(interrupt request) or FIQ (fast interrupt request). The ARM Interrupt Controller is briefly described in
Section 6.7, Interrupts, of this document. For detailed information on the ARM Interrupt Controller, see the
TMS320DM644x DMSoC ARM Subsystem Reference Guide (literature number SPRUE14).
2.3.13 System Module
The ARM Subsystem includes the System module. The System module consists of a set of registers for
configuring and controlling a variety of system functions. For details and register descriptions for the
System module, see Section 3, Device Configurations, and see the TMS320DM644x DMSoC ARM
Subsystem Reference Guide (literature number SPRUE14).
2.3.14 Power Management
DM6446 has several means of managing power consumption. There is extensive use of clock gating,
which reduces the power used by global device clocks and individual peripheral clocks. Clock
management can be utilized to reduce clock frequencies in order to reduce switching power. For more
details on power management techniques, see Section 3 (Device Configurations), Section 6 (Peripheral
and Electrical Specifications), and see the TMS320DM644x DMSoC ARM Subsystem Reference Guide
(literature number SPRUE14).
DM6446 gives the programmer full flexibility to use any and all of the previously mentioned capabilities to
customize an optimal power management strategy. Several typical power management scenarios are
described in the following sections.
14
Device Overview
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com