Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6446AINZWT Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 51 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 47Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 48Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 49Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 50Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 51Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 52Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 53Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 54Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 2-27. Timer 0, Timer 1, and Timer 2 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
Timer 2 and Timer 1
No external pins. The Timer 2 and Timer 1 peripheral pins are not pinned out as external pins.
Timer 0
CLK_OUT1/
This pin is multiplexed between the USB clock generator, timer, and GPIO.
TIM_IN/
E19
I/O/Z
DVDD18
For Timer0, it is the timer event capture input TIM_IN.
GPIO49
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
Specifies the operating I/O supply voltage for each signal
Table 2-28. Reserved Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
RESERVED
RSV1
A1
Reserved. (Leave unconnected, do not connect to power or ground)
RSV2
A19
Reserved. (Leave unconnected, do not connect to power or ground)
RSV3
W1
Reserved. (Leave unconnected, do not connect to power or ground)
RSV4
W19
Reserved. (Leave unconnected, do not connect to power or ground)
IPD
RSV5
D4
I
Reserved. This pin must be tied directly to VSS for normal device operation.
VSS
RSV6
L3
A O
Reserved. (Leave unconnected, do not connect to power or ground)
RSV7
R8
A
Reserved. (Leave unconnected, do not connect to power or ground)
RSV24
M3
S
Reserved. (Leave unconnected, do not connect to power or ground)
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2005–2010, Texas Instruments Incorporated
Device Overview
51
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com