Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV6446AINZWT Datasheet(PDF) 179 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT Datasheet(HTML) 179 Page - Texas Instruments

Back Button TNETV6446AINZWT Datasheet HTML 175Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 176Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 177Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 178Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 179Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 180Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 181Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 182Page - Texas Instruments TNETV6446AINZWT Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.14 Host-Port Interface (HPI)
The Host Port Interface (HPI) provides a parallel port through which an external host processor can
access the DM6446 memory space. The host device is asynchronous to the DM6446 clocks and functions
as a master to the HPI interface. The HPI enables a host device and DM6446 to exchange information via
internal or external memory. Both the host and DM6446 can access the HPI control register (HPIC) and
the HPI address registers (HPIAR, HPIAW). The host can access the HPI data register (HPID) and the
HPIC by using the external data and interface control signals.
The HPI interface shares the DaVinci EMIFA 16-bit data bus pins for multiplexed address/data and
supports the following modes:
•
16 Bit Multiplexed mode / dual half-word cycles (16 bit host data bus/32 bit memory width)
•
ARM ROM supports booting of DM6446 ARM processor from an external processor
The HPI registers are summarized in Table 6-66. For more detailed information on the HPI peripheral, see
the TMS320DM644x DMSoC Host Port Interface (HPI) User's Guide (literature number SPRUE97).
Table 6-66. Host-Port Interface (HPI) Register Descriptions
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C4 0030
HPI_CTL
Host-Port Interface Configuration Register
0x01C6 7800
HPI_PID
0x01C6 7804
HPIPWREMU
HPI Power and Emulation Management Register
0x01C6 7808 - 0x01C6 782F
–
Reserved
0x01C6 7830
HPIC
Host-Port Interface Control Register
0x01C6 7834
HPIAW
Host-Port Interface Write Address Register
0x01C6 7838
HPIAR
Host-Port Interface Read Address Register
0x01C6 783C - 0x01C6 7FFF
–
Reserved
The HPI_CTL register sets the owner of HPIA(R/W) and HPIC registers for HPI address and control. The
details for HPI_CTL are shown in Figure 6-55 and Table 6-67.
Figure 6-55. HPI_CTL Register
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
R-0000000000000000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CTL
ADD
Reserved
TIMOUT
MODE
MODE
R-0
R/W-0
R/W-0
R/W-10000000
LEGEND: R = Read, W = Write, n = value at reset
Table 6-67. HPI_CTL Register Description
Name
Description
CTLMODE
HPIC register write access
0 = External Host
1 = DM6446 (if ADDMODE = 1)
ADDMODE
HPIA register write access
0 = External Host
1 = DM6446
TIMOUT
Host burst write timeout value
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
179
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com