| Electronic Components Datasheet Search |
|
TMS320VC5402 Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5402 Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 72 page ![]() TMS320VC5402 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS079G − OCTOBER 1998 − REVISED OCTOBER 2008 32 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 interrupts (continued) The bits of the interrupt flag register (IFR) and interrupt mask register (IMR) are arranged as shown in Figure 8. 15−14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RES DMAC5 DMAC4 BXINT1 or DMAC3 BRINT1 or DMAC2 HPINT INT3 TINT1 or DMAC1 RES or DMAC0 BXINT0 BRINT0 TINT0 INT2 INT1 INT0 Figure 8. IFR and IMR Registers Table 14. IFR and IMR Register Bit Fields BIT FUNCTION NUMBER NAME FUNCTION 15−14 − Reserved for future expansion 13 DMAC5 DMA channel 5 interrupt flag/mask bit 12 DMAC4 DMA channel 4 interrupt flag/mask bit 11 BXINT1/DMAC3 This bit can be configured as either the McBSP1 transmit interrupt flag/mask bit, or the DMA channel 3 interrupt flag/mask bit. The selection is made in the DMPREC register. 10 BRINT1/DMAC2 This bit can be configured as either the McBSP1 receive interrupt flag/mask bit, or the DMA channel 2 interrupt flag/mask bit. The selection is made in the DMPREC register. 9 HPINT Host to 54x interrupt flag/mask 8 INT3 External interrupt 3 flag/mask 7 TINT1/DMAC1 This bit can be configured as either the timer1 interrupt flag/mask bit, or the DMA channel 1 interrupt flag/mask bit. The selection is made in the DMPREC register. 6 DMAC0 This bit can be configured as either reserved, or the DMA channel 0 interrupt flag/mask bit. The selection is made in the DMPREC register. 5 BXINT0 McBSP0 transmit interrupt flag/mask bit 4 BRINT0 McBSP0 receive interrupt flag/mask bit 3 TINT0 Timer 0 interrupt flag/mask bit 2 INT2 External interrupt 2 flag/mask bit 1 INT1 External interrupt 1 flag/mask bit 0 INT0 External interrupt 0 flag/mask bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |