Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWA40N95K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWA40N95K5
Description  N-channel 950 V, 0.110 Ω typ., 38 A MDmesh™ K5 Power MOSFET in a TO-247 long leads package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA40N95K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STWA40N95K5 Datasheet HTML 1Page - STMicroelectronics STWA40N95K5 Datasheet HTML 2Page - STMicroelectronics STWA40N95K5 Datasheet HTML 3Page - STMicroelectronics STWA40N95K5 Datasheet HTML 4Page - STMicroelectronics STWA40N95K5 Datasheet HTML 5Page - STMicroelectronics STWA40N95K5 Datasheet HTML 6Page - STMicroelectronics STWA40N95K5 Datasheet HTML 7Page - STMicroelectronics STWA40N95K5 Datasheet HTML 8Page - STMicroelectronics STWA40N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
August 2015
DocID028207 Rev 1
1/13
This is information on a product in full production.
www.st.com
STWA40N95K5
N-
channel 950 V, 0.110 Ω typ., 38 A MDmesh™ K5
Power MOSFET in a TO-247 long leads package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
PTOT
STWA40N95K5
950 V
0.130 Ω
38 A
450 W
Industry’s lowest RDS(on) x area
Industry’s best figure of merit (FoM)
Ultra low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packaging
STWA40N95K5
40N95K5
TO-247
Tube
D(2, TAB)
G(1)
S(3)
AM01476v1


Similar Part No. - STWA40N95K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA40N95DK5 STMICROELECTRONICS-STWA40N95DK5 Datasheet
774Kb / 14P
N-channel 950 V, 0.120 Ω typ., 38 A, MDmesh™ DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
More results

Similar Description - STWA40N95K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW40N95DK5 STMICROELECTRONICS-STW40N95DK5 Datasheet
774Kb / 14P
N-channel 950 V, 0.120 Ω typ., 38 A, MDmesh™ DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
STD7N95K5AG STMICROELECTRONICS-STD7N95K5AG Datasheet
346Kb / 15P
Automotive‑grade N‑channel 950 V, 0.95 Ω typ., 9 A MDmesh K5 Power MOSFET in a DPAK package
05-May-2021
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STP17N80K5 STMICROELECTRONICS-STP17N80K5 Datasheet
739Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220 package
19-May-2016
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
21-Mar-2016
STW8N120K5 STMICROELECTRONICS-STW8N120K5 Datasheet
278Kb / 13P
N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-247 package
30-May-2018
STY50N105DK5 STMICROELECTRONICS-STY50N105DK5 Datasheet
716Kb / 12P
N-channel 1050 V, 0.110 Ω typ., 46 A MDmesh™ DK5 Power MOSFET in a Max247 package
19-Dec-2016
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
10-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com