Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWA40N95K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STWA40N95K5
Description  N-channel 950 V, 0.110 Ω typ., 38 A MDmesh™ K5 Power MOSFET in a TO-247 long leads package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA40N95K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STWA40N95K5 Datasheet HTML 1Page - STMicroelectronics STWA40N95K5 Datasheet HTML 2Page - STMicroelectronics STWA40N95K5 Datasheet HTML 3Page - STMicroelectronics STWA40N95K5 Datasheet HTML 4Page - STMicroelectronics STWA40N95K5 Datasheet HTML 5Page - STMicroelectronics STWA40N95K5 Datasheet HTML 6Page - STMicroelectronics STWA40N95K5 Datasheet HTML 7Page - STMicroelectronics STWA40N95K5 Datasheet HTML 8Page - STMicroelectronics STWA40N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STWA40N95K5
4/13
DocID028207 Rev 1
2
Electrical characteristics
(Tcase =25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0, ID = 1 mA
950
V
IDSS
Zero gate voltage drain
current
VGS = 0, VDS = 950 V
1
µA
VGS = 0, VDS = 950 V,
TC=125 °C
50
µA
IGSS
Gate-body leakage current
VDS=0, VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 19 A
0.110
0.130
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS=0, VDS =100 V, f=1 MHz
-
3300
-
pF
Coss
Output capacitance
-
250
-
pF
Crss
Reverse transfer
capacitance
-
2
-
pF
Co(tr)(1)
Equivalent capacitance time
related
VGS = 0, VDS = 0 to 760 V
-
398
-
pF
Co(er)(2)
Equivalent capacitance
energy related
-
142
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID=0
-
5
-
Ω
Qg
Total gate charge
VDD = 760 V, ID = 38 A
VGS =10 V
(see Figure 16: "Gate charge
test circuit")
-
93
-
nC
Qgs
Gate-source charge
-
18.7
-
nC
Qgd
Gate-drain charge
-
63.4
-
nC
Notes:
(1)Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
(2)energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss when VDS
increases from 0 to 80% VDSS
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
Turn-on delay time
VDD = 475 V, ID = 19 A,
RG
= 4.7 Ω, VGS = 10 V
(see Figure 15: "Switching times
test circuit for resistive load")
-
33.5
-
ns
tr
Rise time
-
51
-
ns
td(off)
Turn-off-delay time
-
91.5
-
ns
tf
Fall time
-
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com