Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5974AD Datasheet(PDF) 8 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 4Page - STMicroelectronics A5974AD Datasheet HTML 5Page - STMicroelectronics A5974AD Datasheet HTML 6Page - STMicroelectronics A5974AD Datasheet HTML 7Page - STMicroelectronics A5974AD Datasheet HTML 8Page - STMicroelectronics A5974AD Datasheet HTML 9Page - STMicroelectronics A5974AD Datasheet HTML 10Page - STMicroelectronics A5974AD Datasheet HTML 11Page - STMicroelectronics A5974AD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Electrical characteristics
A5974AD
8/49
Doc ID 018762 Rev 1
3
Electrical characteristics
TJ = -40 °C to 125 °C, VCC = 12 V, unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Operating input
voltage range
V0 = 1.235 V; I0 = 2 A
4
36
V
RDS(on)
MOSFET on-
resistance
0.250
0.5
Ω
IL
Maximum limiting
current
VCC = 5 V
2.5
3.0
3.5
A
fSW
Switching frequency
425
500
575
kHz
Duty cycle
0
100
%
Dynamic characteristics (see test circuit)
V5
Voltage feedback
4.4 V < VCC < 36 V,
20 mA < I0 < 2 A
1.198
1.235
1.272
V
DC characteristics
Iqop
Total operating
quiescent current
57
mA
Iq
Quiescent current
Duty cycle = 0; VFB = 1.5 V
2.7
mA
Iqst-by
Total standby
quiescent current
VINH > 2.2 V
50
100
µA
VCC = 36 V;
VINH > 2.2 V
50
100
µA
Inhibit
INH threshold voltage
Device ON
0.8
V
Device OFF
2.2
V
Error amplifier
VOH
High level output
voltage
VFB = 1 V
3.5
V
VOL
Low level output
voltage
VFB = 1.5 V
0.4
V
Io source
Source output current
VCOMP = 1.9 V; VFB = 1 V
190
300
µA
Io sink
Sink output current
VCOMP = 1.9 V; VFB = 1.5 V
1
1.5
mA
Ib
Source bias current
2.5
4
µA
DC open loop gain
RL =
∞
50
65
dB
gm
Transconductance
ICOMP = -0.1 mA to 0.1 mA;
VCOMP = 1.9 V
2.3
mS
Synch function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com