Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5974AD Datasheet(PDF) 18 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 14Page - STMicroelectronics A5974AD Datasheet HTML 15Page - STMicroelectronics A5974AD Datasheet HTML 16Page - STMicroelectronics A5974AD Datasheet HTML 17Page - STMicroelectronics A5974AD Datasheet HTML 18Page - STMicroelectronics A5974AD Datasheet HTML 19Page - STMicroelectronics A5974AD Datasheet HTML 20Page - STMicroelectronics A5974AD Datasheet HTML 21Page - STMicroelectronics A5974AD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Additional features and protection
A5974AD
18/49
Doc ID 018762 Rev 1
6
Additional features and protection
6.1
Feedback disconnection
If the feedback is disconnected, the duty cycle increases towards the maximum allowed
value, bringing the output voltage close to the input supply. This condition could destroy the
load.
To avoid this hazardous condition, the device is turned off if the feedback pin is left floating.
6.2
Output overvoltage protection
Overvoltage protection, or OVP, is achieved by using an internal comparator connected to
the feedback, which turns off the power stage when the OVP threshold is reached. This
threshold is typically 30% higher than the feedback voltage.
When a voltage divider is required to adjust the output voltage (Figure 18), the OVP
intervention is set at:
Equation 1
where R1 is the resistor connected between the output voltage and the feedback pin, and R2
is between the feedback pin and ground.
6.3
Zero load
Due to the fact that the internal power is a PDMOS, no bootstrap capacitor is required and
so the device works properly even with no load at the output. In this case it works in burst
mode, with a random burst repetition rate.
V
OVP
1.3
R
1
R
2
+
R
2
-------------------- V
FB
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com