Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5974AD Datasheet(PDF) 15 Page - STMicroelectronics

Part # A5974AD
Description  Zero load current operation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974AD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button A5974AD Datasheet HTML 11Page - STMicroelectronics A5974AD Datasheet HTML 12Page - STMicroelectronics A5974AD Datasheet HTML 13Page - STMicroelectronics A5974AD Datasheet HTML 14Page - STMicroelectronics A5974AD Datasheet HTML 15Page - STMicroelectronics A5974AD Datasheet HTML 16Page - STMicroelectronics A5974AD Datasheet HTML 17Page - STMicroelectronics A5974AD Datasheet HTML 18Page - STMicroelectronics A5974AD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
A5974AD
Functional description
Doc ID 018762 Rev 1
15/49
Figure 7.
Current limitation circuitry
5.5
Error amplifier
The voltage error amplifier is the core of the loop regulation. It is a transconductance
operational amplifier whose non inverting input is connected to the internal voltage
reference (1.235 V), while the inverting input (FB) is connected to the external divider or
directly to the output voltage. The output (COMP) is connected to the external compensation
network. The uncompensated error amplifier has the following characteristics:
The error amplifier output is compared to the oscillator sawtooth to perform PWM control.
5.6
PWM comparator and power stage
This block compares the oscillator sawtooth and the error amplifier output signals to
generate the PWM signal for the driving stage.
The power stage is a highly critical block, as it functions to guarantee a correct turn-on and
turn-off of the PDMOS. The turn-on of the power element, or more accurately, the rise time
of the current at turn-on, is a very critical parameter. At the first approach, it appears that the
faster the rise time, the lower the turn-on losses.
Table 5.
Uncompensated error amplifier characteristics
Description
Values
Transconductance
2300 µS
Low frequency gain
65 dB
Minimum sink/source voltage
1500 µA/300 µA
Output voltage swing
0.4 V/3.65 V
Input bias current
2.5 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com