Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANPSC110F Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110F
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110F Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button SCANPSC110F Datasheet HTML 2Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 3Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 4Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 5Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 6Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 7Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 8Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 9Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Overview of SCANPSC110F Bridge Functions (Continued)
The ’PSC110F’s scan port-configuration state-machine is
used to control the insertion of local scan ports into the over-
all scan chain, or the isolation of local ports from the chain.
From the perspective of a system’s (single) scan controller,
each ’PSC110F presents only one scan chain to the master.
The ’PSC110F architecture allows one or more of the
’PSC110F’s local ports to be included in the active scan
chain.
Each local port can be “parked” in one of four stable states
(Parked-TLR,
Parked-RTI,
Parked-Pause-DR
or
Parked-Pause-IR), either individually or simultaneously with
other local ports. Parking a chain removes that local chain
from the active scan chain. Conversely, a parked chain can
be “unparked”, causing the corresponding local port to be in-
serted into the active scan chain.
As shown in
Figure 4, the ’PSC110F’s three scan
port-configuration state-machines allow each of the part’s lo-
cal ports to occupy a different state at any given time. For ex-
ample, some ports may be parked, perhaps in different
states, while other ports participate in scan operations. The
state-diagram shows that some state transitions depend on
the current state of the TAP-control state-machine. As an ex-
DS100327-5
KEY
+ = OR
& = AND
ADDR = 6-bit address in the Instruction Register
SLOT = Static address in the ’PSC110F Selection Controller
FIGURE 3. State Machine for SCANPSC110F Bridge Selection Controller
DS100327-12
FIGURE 4. Local SCANPSC110F Bridge Port Configuration State Machine
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com