Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANPSC110F Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110F
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110F Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button SCANPSC110F Datasheet HTML 5Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 6Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 7Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 8Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 9Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 10Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 11Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 12Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Hierarchical Test Support
Multiple SCANPSC110F Bridges can be used to assemble a
hierarchical boundary-scan tree. In such a configuration, the
system tester can configure the local ports of a set of
’PSC110Fs so as to connect a specific set of local
scan-chains to the active scan chain. Using this capability,
the tester can selectively communicate with specific portions
of a target system.
The tester’s scan port is connected to the backplane scan
port of a “root” layer of ’PSC110Fs, each of which can be se-
lected using multi-drop addressing. A second tier of
’PSC110Fs can be connected to this root layer, by connect-
ing a local port (LSP) of a root-layer ’PSC110F to the back-
plane port of a second-tier ’PSC110F. This process can be
continued to construct a multi-level scan hierarchy.
’PSC110F
local
ports
which
are
not
cascaded
into
higher-level ’PSC110Fs can be thought of as the terminal
“leaves” of a scan “tree”. The test master can select one or
more target leaves by selecting and configuring the local
ports of an appropriate set of ’PSC110Fs in the test tree.
Level 1 Protocol
ADDRESSING MODES
The SCANPSC110F Bridge supports “single” and “multiple”
modes of addressing a ’PSC110F. The “single” mode will se-
lect one ’PSC110F and is called Direct Addressing. More
than one ’PSC110F device can be selected via the Broad-
cast and Multi-Cast Addressing modes.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com