Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANPSC110F Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110F
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110F Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button SCANPSC110F Datasheet HTML 3Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 4Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 5Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 6Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 7Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 8Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 9Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 10Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Overview of SCANPSC110F Bridge
Functions (Continued)
ample, a local port which is presently in the
Parked-RTI state
does not become unparked (i.e., enter the
Unparked state)
until the ’PSC110F receives an
UNPARK instruction and the
’PSC110F’s TAP state-machine enters the
Run-Test/Idle
state.
Similarly, certain transitions of the scan port-configuration
state-machine
can
force
the
’PSC110F’s TAP-control
state-machine into specific states. For example, when a lo-
cal port is in the
Unparked state and the ’PSC110F receives
a PARKRTI instruction, the Local Port controller enters the
Parked-RTI state in which TMS
Ln will be held low until the
port is later unparked. While TMS
Ln is held low, all devices
on that local scan chain remain in their current TAP State
(the
RTI TAP controller state in this example).
The ’PSC110F’s scan port-configuration state-machine
implements part of the ’PSC110F’s Level-2 protocol. In addi-
tion, the ’PSC110F provides a number of Level-2 instructions
for functions other than local scan port confguration. These
instructions provide access to and control of various regis-
ters within the ’PSC110F. This set instructions includes:
BYPASS
CNTRSEL
EXTEST
LFSRON
SAMPLE/PRELOAD
LFSROFF
IDCODE
CNTRON
MODESEL
CNTROFF
MCGRSEL
GOTOWAIT
LFSRSEL
Figure 5 illustrates how the ’PSC110F’s state-machines in-
teract. The ’PSC110F-selection state-machine enables or
disables
operation
of
the
chip’s
three
port-selection
state-machines. In ’PSC110Fs which are selected via
Level-1 protocol (either as individual ’PSC110Fs or as mem-
bers of broadcast or multi-cast groups), Level-2 protocol
commands can be used to park or unpark local scan ports.
Note
that
most
transitions
of
the
port-configuration
state-machines are gated by particular states of the
’PSC110F’s TAP-control state-machine, as shown in
Figures
4, 5.
DS100327-6
FIGURE 5. Relationship Between SCANPSC110F Bridge State Machines
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com