Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF033 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEF033
Description  Electronic fuse for 3.3 V line
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEF033 Datasheet HTML 3Page - STMicroelectronics STEF033 Datasheet HTML 4Page - STMicroelectronics STEF033 Datasheet HTML 5Page - STMicroelectronics STEF033 Datasheet HTML 6Page - STMicroelectronics STEF033 Datasheet HTML 7Page - STMicroelectronics STEF033 Datasheet HTML 8Page - STMicroelectronics STEF033 Datasheet HTML 9Page - STMicroelectronics STEF033 Datasheet HTML 10Page - STMicroelectronics STEF033 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID025099 Rev 2
7/25
STEF033
Electrical Characteristics
25
4
Electrical Characteristics
VCC = 3.3 V, CI = 10 µF, CO =10 µF, TJ = 25°C (unless otherwise specified)
Table 6. Electrical characteristics for STEF033
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Under/Over Voltage Protection
VClamp
Output clamping voltage
VCC = 8 V
4
4.5
5
V
VUVLO
Under voltage Lockout
Turn-on, voltage increasing
2.15
2.35
2.5
V
VHyst
UVLO hysteresis
0.1
V
Power MOSFET
tdly
Delay time
Enabling of chip to VOUT=10%
of nominal value.
500
µs
RDSon
ON resistance (DFN package)(1)
IOUT = 500 mA, TJ = 25°C
40
60
m
Ω
IOUT = 500 mA,
-40°C<TJ<125°C
70
ON resistance
(Flip Chip package)(1)
IOUT = 500 mA, TJ = 25°C
30
50
m
Ω
IOUT = 500 mA,
-40°C<TJ<125°C
70
VOFF
Off State output voltage
VEN=GND, RL=infinite
100
mV
ID
Continuous current
DFN package
3.6
A
Flip Chip package
2.5
Current limit
IShort
Short-circuit current limit
RLimit = 24 Ω
11.35
1.75
A
ILim
Overload current limit
RLimit = 24 Ω
(2)
2.5
A
dv/dt circuit
dv/dt
Output voltage ramp time
VOUT = 10% to 90% of nominal
voltage, No Cdv/dt
0.8
1.4
2.5
ms
Enable/Fault
VIL
Low level input voltage
Output disabled, (2)
0.5
V
VI(INT)
Intermediate level input voltage
Thermal fault, output disabled (2)
0.8
1.4
2
V
VIH
High level input voltage
Output enabled
2.5
V
VI(MAX)
High state maximum voltage
3.25
V
IIL
Low level input current (sink)
VEnable = GND
-28
-50
µA
Maximum fan-out for fault signal
Total number of chips that can
be connected to this pin for
simultaneous shutdown (2)
3Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com