Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF033 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEF033
Description  Electronic fuse for 3.3 V line
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 Datasheet(HTML) 4 Page - STMicroelectronics

  STEF033 Datasheet HTML 1Page - STMicroelectronics STEF033 Datasheet HTML 2Page - STMicroelectronics STEF033 Datasheet HTML 3Page - STMicroelectronics STEF033 Datasheet HTML 4Page - STMicroelectronics STEF033 Datasheet HTML 5Page - STMicroelectronics STEF033 Datasheet HTML 6Page - STMicroelectronics STEF033 Datasheet HTML 7Page - STMicroelectronics STEF033 Datasheet HTML 8Page - STMicroelectronics STEF033 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Pin configuration
STEF033
4/25
DocID025099 Rev 2
2
Pin configuration
Figure 2. Pin configuration (top view)
Table 1. Pin description
Pin n°
(DFN)
Pin n°
(Flip Chip)
Symbol
Note
1,2,3,4,5
C1,C2,C3
VOUT/Source
Connected to the source of the internal power MOSFET and to the
output terminal of the fuse
6
N.C.
I-lim -
A resistor between these two pins sets the overload and short-circuit
current limit levels. On the Flip Chip the resistor must be connected
between the I-Lim+ and Source pins
7A1
I-lim +
8A2
En/Fault
The Enable/Fault pin is a tri-state, bi-directional interface. During normal
operation the pin must be left floating, or it can be used to disable the
output of the device by pulling it to ground using an open drain or open
collector device. If a thermal fault occurs, the voltage on this pin goes
into an intermediate state to signal a monitor circuit that the device is in
thermal shutdown. It can be connected to another device of this family to
cause a simultaneous shutdown during thermal events.
9N.C.
dv/dt
The internal dv/dt circuit controls the slew rate of the output voltage at
turn-on. The internal capacitor allows a ramp-up time of around 1.4 ms.
An external capacitor can be added to this pin to increase the ramp time.
If an additional capacitor is not required, this pin should be left open.
This feature is not available on the Flip Chip version.
10
A3
GND
Ground pin
Exposed
pad
B1,B2,B3
VCC
Exposed pad. Positive input voltage must be connected to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com