Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF033 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STEF033
Description  Electronic fuse for 3.3 V line
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF033 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STEF033 Datasheet HTML 17Page - STMicroelectronics STEF033 Datasheet HTML 18Page - STMicroelectronics STEF033 Datasheet HTML 19Page - STMicroelectronics STEF033 Datasheet HTML 20Page - STMicroelectronics STEF033 Datasheet HTML 21Page - STMicroelectronics STEF033 Datasheet HTML 22Page - STMicroelectronics STEF033 Datasheet HTML 23Page - STMicroelectronics STEF033 Datasheet HTML 24Page - STMicroelectronics STEF033 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Package information
STEF033
22/25
DocID025099 Rev 2
Figure 27. Flip Chip 9 recommended footprint (dimensions in mm.)
Table 10. Flip Chip 9 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.50
0.55
0.60
A1
0.17
0.20
0.23
A2
0.33
0.35
0.37
b
0.23
0.25
0.29
D
1.16
1.19
1.22
D1
0.8
E
1.16
1.19
1.22
E1
0.8
e0.40
f0.195
ccc
0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com