Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1707DFT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDE1707DFT
Description  Low side or high side switch configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1707DFT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDE1707DFT Datasheet HTML 4Page - STMicroelectronics TDE1707DFT Datasheet HTML 5Page - STMicroelectronics TDE1707DFT Datasheet HTML 6Page - STMicroelectronics TDE1707DFT Datasheet HTML 7Page - STMicroelectronics TDE1707DFT Datasheet HTML 8Page - STMicroelectronics TDE1707DFT Datasheet HTML 9Page - STMicroelectronics TDE1707DFT Datasheet HTML 10Page - STMicroelectronics TDE1707DFT Datasheet HTML 11Page - STMicroelectronics TDE1707DFT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Application information
TDE1707DFT
8/15
3
Application information
The LED driver tells the output status. It can source or sink current (Iold typ = 3mA), according to
the output configuration chosen. The thresholds, represented by the output comparator in the
Block Diagram, are set at about 1.5V - 2V.
For instance, in the High Side Load case of the Application Circuit, when the voltage on pin 8
(the output) differs from VCC less than 1.5V, the output is sensed in "OFF" state and the LED
driver is disabled.
If instead pin 8 differs from VCC more than 3V (the output comparator threshold value plus the
drop voltage on the LED), then the output is sensed "ON" and the driver will force the current on
the LED.
Figure 3.
Low side driver topology
Figure 4.
High side driver topology
TDE1707
TDE1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com