Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1707DFT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDE1707DFT
Description  Low side or high side switch configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1707DFT Datasheet(HTML) 5 Page - STMicroelectronics

  TDE1707DFT Datasheet HTML 1Page - STMicroelectronics TDE1707DFT Datasheet HTML 2Page - STMicroelectronics TDE1707DFT Datasheet HTML 3Page - STMicroelectronics TDE1707DFT Datasheet HTML 4Page - STMicroelectronics TDE1707DFT Datasheet HTML 5Page - STMicroelectronics TDE1707DFT Datasheet HTML 6Page - STMicroelectronics TDE1707DFT Datasheet HTML 7Page - STMicroelectronics TDE1707DFT Datasheet HTML 8Page - STMicroelectronics TDE1707DFT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
TDE1707DFT
Electrical specifications
5/15
2
Electrical specifications
2.1
Thermal data
Table 2.
Thermal data
2.2
Absolute maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Description
Value
Unit
RthJA
Thermal resistance junction-ambient
Max.
32(1)
1.
Soldered to a 4 layer board with 4 vias in the pad.
°C/W
RthJC
Thermal resistance junction-case
Max.
1.2
°C/W
Symbol
Parameter
Value
Unit
VS
Supply voltage
50
V
VS
Supply reverse voltage
50
V
Io
Output current
internally limited
A
Vreg
Regulated voltage pin
0 to 7
V
Vdelay
Delay capacitor source pin
0 to 5
V
Vo
Output diff. voltage
55
V
Vi
Input voltage
-10 to 50
V
TJ
Junction operating temperature
internally limited
° C
Tstg
Storage temperature range
-55 to 150
° C
Ptot
Power dissipation
internally limited
mW
Ei
Energy inductive load
100
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com