Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1707DFT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE1707DFT
Description  Low side or high side switch configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1707DFT Datasheet(HTML) 1 Page - STMicroelectronics

  TDE1707DFT Datasheet HTML 1Page - STMicroelectronics TDE1707DFT Datasheet HTML 2Page - STMicroelectronics TDE1707DFT Datasheet HTML 3Page - STMicroelectronics TDE1707DFT Datasheet HTML 4Page - STMicroelectronics TDE1707DFT Datasheet HTML 5Page - STMicroelectronics TDE1707DFT Datasheet HTML 6Page - STMicroelectronics TDE1707DFT Datasheet HTML 7Page - STMicroelectronics TDE1707DFT Datasheet HTML 8Page - STMicroelectronics TDE1707DFT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2006
Rev 2
1/15
15
TDE1707DFT
Intelligent power switch
Features
■ 0.5A output current
■ Low side or high side switch configuration
■ 6V to 48V supply voltage range
■ Overload and short circuit protections
■ Internal voltage clamping
■ Supply and output reversal protection
■ Thermal shutdown
■ GND and VS open wire protection
■ Adjustable delay at switch on
■ Indicator status LED driver
■ +5V regulated AUX. voltage
■ High burst immunity
Description
The TDE1707DFT is a 0.5A Integrated Power
Switch with up to 48V Power supply capability.
Two output configurations are possible:
●
Load to GND. (High Side Mode)
●
Load to VS (Low side Mode)
Especially dedicated to proximity detectors, its in-
ternal +5V supply can be used to supply external
circuits (See also AN495). A signal is inter-nally
generated to block the In signal, and prevent
activation of the output switch, as long as an ab-
normal condition is detected. The power-on tran-
sition, as well as the chip over temperature and
the output overcurrent, concur to the generation of
such signal. A minimum delay of 25ms (Typ.value)
is added to the trailing edge of such signal to
ensure that a stable normal situation is present
when the signal disappears. The delay (of the
disappearance of the block signal; no delay at its
on set) can be further increased connecting a
capacitor between pin3 and ground. It can drive
resistive or inductive loads..
Order codes
DFN (4x4)
Part number
Temp range,
° CPackage
Packing
TDE1707DFT
-25°C to +85°C
DFN(4x4)
Tape & Reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDE1707DFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707 STMICROELECTRONICS-TDE1707 Datasheet
93Kb / 6P
INTELLIGENT POWER SWITCH
Jul-1992
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1707FP STMICROELECTRONICS-TDE1707FP Datasheet
93Kb / 6P
INTELLIGENT POWER SWITCH
Jul-1992
More results

Similar Description - TDE1707DFT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS4880R INFINEON-ITS4880R Datasheet
339Kb / 20P
Smart Power High-Side-Switch or Industrial Applications
2006-03-09
TLE7234E INFINEON-TLE7234E Datasheet
718Kb / 36P
8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7237GS INFINEON-TLE7237GS Datasheet
705Kb / 36P
8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7234G INFINEON-TLE7234G Datasheet
697Kb / 36P
8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
High- or Low-Side Measurement
logo
Analog Devices
ADP1196 AD-ADP1196 Datasheet
417Kb / 12P
5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
REV. 0
ADUM7223 AD-ADUM7223 Datasheet
528Kb / 17P
High-side or low-side relative to input
Rev. A
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com