| Electronic Components Datasheet Search |
|
UM1539 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1539 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 46 page ![]() Getting started UM1539 10/46 Doc ID 023106 Rev 1 Below is the table for selecting the address of the STTS751 temperature sensor: 1.2.9 Temperature sensor features The steps for starting with the temperature sensor daughter cards and the GUI are as follows: 1. Place the temperature sensor daughter card on the motherboard. Take note of the notch on the daughter card connector and motherboard connector. 2. Select the power supply of the daughter card as mentioned in Section 1.2.3. 3. Connect the USB cable to the computer and motherboard, LED D3 glows on the motherboard. 4. Open the GUI in the computer, the GUI window shows as connected in the bottom right corner, as shown in Figure 2. 5. Press the “Temperature Sensor Mode Select” button in the GUI, as shown in Figure 2. 6. The list of temperature sensors appears in the GUI, as shown in Figure 4. Select the sensor which is mounted on the motherboard. If the sensor selected in the GUI is not the one mounted on the motherboard, an error message pops up in the GUI. In the case of an error message, re-select the correct sensor in the GUI. 7. The GUI window for the sensor present on the motherboard opens. 8. A total of 5 sensors are supported by the demo: ● STTS7/STDS75/STLM75/STCN75 ● STTS424E02 ● STLM20 ● STTS751 ● STTS2002. Table 4. Address selection for STTS751 sensor Device type Connector CN5 on daughter card Sensor address STTS751-0 Short Pin1 and Pin2 0x90 Short Pin3 and Pin4 0x92 Short Pin5 and Pin6 0x70 Short Pin7 and Pin8 0x72 STTS751-1 Short Pin1 and Pin2 0x94 Short Pin3 and Pin4 0x96 Short Pin5 and Pin6 0x74 Short Pin7 and Pin8 0x76 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |