Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1539 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 17Page - STMicroelectronics UM1539 Datasheet HTML 18Page - STMicroelectronics UM1539 Datasheet HTML 19Page - STMicroelectronics UM1539 Datasheet HTML 20Page - STMicroelectronics UM1539 Datasheet HTML 21Page - STMicroelectronics UM1539 Datasheet HTML 22Page - STMicroelectronics UM1539 Datasheet HTML 23Page - STMicroelectronics UM1539 Datasheet HTML 24Page - STMicroelectronics UM1539 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
UM1539
Getting started
Doc ID 023106 Rev 1
21/46
button which returns the status of the memory being protected or not. Writing PSWP
permanently protects the memory for read and write.
Once the memory is permanently write protected then neither read nor write is possible
for the lower half memory area.
4.
To read the data byte at any specific location, select the location in the editable window
and press the Read Byte button, it reads the selected location data from the sensor
EEPROM and displays at the location in the editable area in the GUI.
5.
The Read All button reads all the 256 bytes from the sensor EEPROM and displays it in
the editable area.
6.
To write a single byte at a specific location, change the byte value and press the Enter
button on the computer. Then press Write Byte to write the data in the EEPROM.
7.
To write all the 256 bytes of EEPROM, press the Write All button in the GUI. This writes
the bytes as seen in the editable box. To change the bytes at the memory location, type
the new value at that memory location and press Enter. To modify another memory
location, go to that location, type the bytes and then press Enter.
After all values are changed according to requirements, press Write All to program the
values in the EEPROM.
8.
Fill Buffer is used to fill the area of EEPROM with the same data byte. Type the memory
location from where the data is to be written and also the destination memory location
address. Then enter the data byte in the Fill With area. Pressing the Fill Buffer button
programs the EEPROM selected area with selected data byte. This data byte can be
seen in the GUI by pressing the Read All button.
9.
Copy Block is used to copy the data from memory location 0x00-0x7F to the location
0x80-0xFF. Therefore both upper and lower 1 Kbit data is similar after the Copy Block
command.
10. The settings for the EEPROM of the STTS424E02 sensor are shown in Figure 13.
Figure 13.
GUI window for EEPROM section of STTS2002 temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com