Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1539 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1539
Description  STEVAL-IFS017V1 multi device temperature sensor and RTC demo
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1539 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1539 Datasheet HTML 16Page - STMicroelectronics UM1539 Datasheet HTML 17Page - STMicroelectronics UM1539 Datasheet HTML 18Page - STMicroelectronics UM1539 Datasheet HTML 19Page - STMicroelectronics UM1539 Datasheet HTML 20Page - STMicroelectronics UM1539 Datasheet HTML 21Page - STMicroelectronics UM1539 Datasheet HTML 22Page - STMicroelectronics UM1539 Datasheet HTML 23Page - STMicroelectronics UM1539 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Getting started
UM1539
20/46
Doc ID 023106 Rev 1
and is seen as ACK glowing in the GUI. For timeout delay greater than 29 milliseconds,
the device returns NACK to communication and is seen as NACK glowing in the GUI.
This ACK and NACK is the response from the sensor to the I2C communication along
with the delay in between.
12. I2C speed can be selected to be either 100 kHz or 400 kHz using the Radio buttons
and Write button.
Figure 12.
GUI Window for STTS2002
1.2.16
GUI window for STTS2002 temperature sensor EEPROM
The STTS2002 sensor has an on-chip 2 Kb EEPROM. For the STTS2002 sensor selected
in the GUI, the “Edit EEPROM” button gets enabled. The EEPROM window opens on
clicking this Edit EEPROM button.
The steps for using the EEPROM of the STTS2002 sensor are as follows:
1.
Check the address of the EEPROM. The last 3 bits of the EEPROM address are
derived from the last 3 bits of the temperature sensor address.
2.
For the correct address checked, the GUI for the EEPROM gets enabled with editable
area for 256 bytes.
3.
The EEPROM area of the STTS2002 is divided into 2 sections:
a)
Lower half between 0x00 - 0x7F (first 128 bytes)
b)
Upper half between 0x80 - 0XFF (last 128 bytes)
The EEPROM supports permanent write protection for the data written inside the lower
half of memory using the PSWP command. The EEPROM window has a READ PSWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com