Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2032 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 31Page - STMicroelectronics UM2032 Datasheet HTML 32Page - STMicroelectronics UM2032 Datasheet HTML 33Page - STMicroelectronics UM2032 Datasheet HTML 34Page - STMicroelectronics UM2032 Datasheet HTML 35Page - STMicroelectronics UM2032 Datasheet HTML 36Page - STMicroelectronics UM2032 Datasheet HTML 37Page - STMicroelectronics UM2032 Datasheet HTML 38Page - STMicroelectronics UM2032 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Figure 14. 32F412GDISCOVERY MCU
211
MCU
MB1209
D-02
6/29/2016
Title:
Size:
Reference:
Date:
Sheet:
of
A3
Revision:
STM32F412G-DISCO
Project:
PA4
PA5
PA6
PA7
PA10
PA0
PA1
PA15
PA3
PA13
PA14
PA2
PA8
PB5
PB7
PB14
PB15
PB10
PB8
PB9
PB1
PB2
PB3
PB0
PB4
PB11
PB12
PB13
PC0
PC2
PC3
PC4
PC5
PC6
PC7
PC8
PC9
PC10
PC11
PC12
PC13
I2C1_SCL
I2C1_SDA
uSD_D0
uSD_D1
uSD_D2
uSD_D3
uSD_CLK
C23
1.5pF
C30
1.5pF
R54
0
R56
0
C21 8.2pF
C19
8.2pF
R46
[N/A]
PH0-OSC_IN
PH1-OSC_OUT
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
PD9
PD10
PD12
PD13
PD14
PD15
D2
D3
D13
D14
D15
D0
D1
uSD_CMD
PE0
PE14
PE15
PE9
PE8
PE11
PE10
PE12
PE13
PE1
PE3
PE4
PE5
PE7
PF0
PF14
PF15
PF9
PF8
PF11
PF10
PF12
PF13
PF2
PF3
PF4
PF5
PF6
PF7
D4
D5
D6
D7
D8
D9
D10
D11
D12
A0
D[0..15]
A0
D[0..15]
A0
BOOT0
VDD_MCU
VDDA
VREF+
L1
BEAD
VDD_MCU
C8
2.2uF
C31
2.2uF
Ceramic capacitor (Low ESR)
C58
100nF
C76
100nF
C59
100nF
C15
1uF
C17
100nF
C10
1uF
C11
100nF
VDD_MCU
C60
100nF
C20
100nF
C75
100nF
C74
100nF
C73
100nF
VDD_MCU
C57
100nF
C68
100nF
C71
100nF
VDD_MCU
C9
4.7uF
VDD
PA0 - WKUP1
PA6
PA7
PA8- MCO1
PC1
PC2
PC3
PC4
PC5
PC8
R68
510
X3
NDK NX3215SA-32.768KHZ-EXS00A-MU00525
VDD_USB33
PE2
PE6
ARDUINO USART6_TX
ARDUINO USART6_RX
R69
[N/A]
QSPI_BK1_IO3
FMC_NOE
FMC_NWE
LED3
ARD_D5
ARD_D4
ARD_A0
ARD_D2
ARD_D1
ARD_D0
ARD_D8
ARD_D7
ARD_A1
ARD_A2
ARD_A3
ARD_A4
CODEC_I2S3_WS
R66
1K2
R67
1K2
VDD
PA1
PA2
PA4
PC9
PC10
PC11
PC12
SB31
Closed by default
VDD
LED4
PC13
PC13-ANTI_TAMP
7
PC0
26
PC1
27
PC2
28
PC3
29
PA0-WKUP
34
PA1
35
PA2
36
PA3
37
PA4
40
PA5
41
PA6
42
PA7
43
PC4
44
PC5
45
PB0
46
PB1
47
PB2
48
PB10
69
PB11
70
PB12
73
PB13
74
PB14
75
PB15
76
PC6
96
PC7
97
PC8
98
PC9
99
PA8
100
PA9
101
PA10
102
PA11
103
PA12
104
PA13
105
PA14
109
PA15
110
PC10
111
PC11
112
PC12
113
PB3
133
PB4
134
PB5
135
PB6
136
PB7
137
PB8
139
PB9
140
PC14-OSC32_IN
8
PC15-OSC32_OUT
9
PH0-OSC_IN
23
PH1-OSC_OUT
24
NRST
25
BOOT0
138
PDR_ON
143
U7A
STM32F412ZGT6U
QSPI_BK1_IO2
QSPI_BK1_IO0
QSPI_BK1_IO1
ARD_D12
ARD_D13
PA5
ARD_D11
uSD_Detect
USB_OTGFS_VBUS
PA9
USB_OTGFS_ID
PA11
PA12
USB_OTGFS_DM
USB_OTGFS_DP
ARD_D10
ARD_A5
DFSDM_DATIN0
QSPI_CLK
CODEC_I2S3_SCK
CODEC_I2S3_SD
PB6
ARD_D15
ARD_D14
PA9
PA10
PA11
PA12
PA15
PB0
VBAT
6
VSSA
31
VREF+
32
VSS_2_0
107
VCAP2_0
106
VDD_4
39
VDD_3
144
VSS_11
130
VDD_2_USB33
95
VCAP1_0
71
VSS_10
120
VDD_5
17
VDDA
33
VDD_1_0
72
VDD_2_0
108
VDD_12
30
VDD_11
131
VDD_10
121
VSS_4
38
VDD_6
52
VDD_7
62
VDD_8
84
VSS_5
16
VSS_6
51
VSS_7
61
VSS_8
83
VSS_9
94
U7C
STM32F412ZGT6U
PC0 / WKUP2
DFSDM_CKOUT
CODEC_I2S3_MCK
FMC_NE1
LCD_RESET
LED1
LED2
JOY_RIGHT
JOY_LEFT
PE2
1
PE3
2
PE4
3
PE5
4
PE6
5
PF0
10
PF1
11
PE7
58
PE8
59
PE9
60
PE10
63
PE11
64
PE12
65
PE13
66
PE14
67
PE15
68
PF2
12
PF3
13
PF4
14
PF5
15
PF6
18
PF7
19
PF8
20
PF9
21
PF10
22
PF11
49
PF12
50
PF13
53
PF14
54
PF15
55
PE0
141
PE1
142
PD8
77
PD9
78
PD10
79
PD11
80
PD12
81
PD13
82
PD14
85
PD15
86
PD0
114
PD1
115
PD2
116
PD3
117
PD4
118
PD5
119
PD6
122
PD7
123
PG0
56
PG1
57
PG2
87
PG3
88
PG4
89
PG5
90
PG6
91
PG7
92
PG8
93
PG9
124
PG10
125
PG11
126
PG12
127
PG13
128
PG14
129
PG15
132
U7B
STM32F412ZGT6U
JOY_UP
JOY_DOWN
PG0
PG1
PG2
QSPI_BK1_NCS
USB_OTGFS_OVRCR
USB_OTGFS_PPWR_EN
I2C2_SCL
I2C2_SDA
SWO
SWDIO
SWCLK
PA13
PA14
USART2_TX
PA3
USART2_RX
ARD_D9
EXT_RESET
2_CKIN
2_CKIN
R45
[N/A]
SB22
Open by default
PH0
PH1
STLK_MCO
C26
1uF
C22
100nF
One 100nF placed close to each VDD_x pin of MCU
JOY_SEL
PC7
CODEC_I2S3ext_SD
CODEC_INT
PD11
BOOT0
LCD_TE
PG3
LCD_BLCTRL
CTP_INT
PC2
PD12
PC1
PC3
PD13
PE6
PE4
PE2
PE0
PE1
PE5
PE3
PD6
PB10
PB12
PB14
PB11
PB13
PB15
PB8
PB6
PB4
PB7
PB5
PB3
PB9
PB5
PB7
PB14
PB15
PB10
PB8
PB9
PB3
PB4
PB11
PB12
PB13
PB6
PC4
PC5
PC14
PC6
PC15
PC7
SB25
Open by default
SB23
Open by default
close to MCU
close to MCU
PE0
PE1
PE3
PE5
PE2
PE6
PB1
PB1
PB0
PB0
PF2
PF3
PF10
PG2
PG10
PG11
PG12
PG13
PG14
PF11
PG9
PF2
PF3
PF10
PF11
PG2
PG9
PG10
PG11
PG12
PG13
PG14
PG4
PG10
PG11
PG12
PG13
PG14
PG9
PG6
PG7
PG8
PG15
PG5
PF1
X2
NX3225GD-8.00M
R71
100K
PDR ON by default
I2C2_SDA
I2C2_SCL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
CN7
[N/A]
D0
D1
D2
D3
D4
D5
D6
D7
D9
D10
D11
D12
D8
D13
D14
D15
LCD_TE
LCD_RESET
A0
FMC_NWE
FMC_NOE
FMC_NE1
GND
+3V3
VDD
LCD_TE
LCD_RESET
FMC_NWE
FMC_NOE
FMC_NE1
LCD signals access (2.54mm pitch)
PC14
PC15
ARD_D6
SB26
Closed by default
DFSDM_DATIN3
VDD_MCU
R91
56
PC1
SB34
Closed by default
SB35
Open by default
SB27
Open by default
VDD_MCU
SB20
Closed by default
Not Fitted
Not Fitted
Not Fitted
SB29
Open by default
PF13
PF13
PC0
ARD_D3
CTP_RST
R31
1K2
R70
1K2
PA10
PA14
PA13
PA15
PA8
PA6
PA4
PA7
PA5
PA3
PA5
PA7
PA10
PA8
PA3
PA4
PA13
PA14
PA15
PA6
PA1
PA1
PA2
PA2
SB16
Closed by default
SB15
Open by default
PC9
SB43
Open by default
VDD
PF5
LCD_BLCTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com