Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2032 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 33Page - STMicroelectronics UM2032 Datasheet HTML 34Page - STMicroelectronics UM2032 Datasheet HTML 35Page - STMicroelectronics UM2032 Datasheet HTML 36Page - STMicroelectronics UM2032 Datasheet HTML 37Page - STMicroelectronics UM2032 Datasheet HTML 38Page - STMicroelectronics UM2032 Datasheet HTML 39Page - STMicroelectronics UM2032 Datasheet HTML 40Page - STMicroelectronics UM2032 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Figure 16. 32F412GDISCOVERY LCD
411
LCD
MB1209
D-02
6/29/2016
Title:
Size:
Reference:
Date:
Sheet:
of
A3
Revision:
STM32F412G-DISCO
Project:
PD5
PD4
PD7
VLED-
41
AVDD
37
VDDREG
34
GVSS
40
PVDD
38
P68
5
IM1
27
IM0
28
GND
44
DCX
29
D0
21
GND
22
WRX
30
VCS
4
VLED+
43
RDX
31
CSX
32
D14
7
VDDIO
33
D13
8
D1
20
D15
6
D6
15
D7
14
D8
13
D9
12
D10
11
D11
10
D12
9
VCC
35
VREF
36
MTP
39
NC
42
D2
19
D3
18
D4
17
D5
16
GND
23
VSYNC
24
TE
25
RESETB
26
TCOM
2
GND
1
GVDD
3
CN8
MOLEX 503304-4440
PF0
VDD
+3V3
LCD_BLCTRL
LCD_TE
LCD_RESET
A0
FMC_NWE
FMC_NOE
FMC_NE1
C72
100nF
C70
100nF
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
IM1
IM0
P68
R57
0
IM1
R55
0
IM0
R84
0
P68
VDD
Z1
STPS1L40M
C77
4.7uF/50V
L5
4.7uH(1A)
R43
10
BLGND
R47
100K
C81
4.7uF/10V
BLGND
BLGND
BLGND
Vi
1
Rset
2
GND
3
FB
4
NC
5
Vo
6
EN
7
SW
8
PGND
9
U17
STLD40DPUR
C78
10nF
C85
100nF
L3
BEAD
C79
10nF
VL
Backlight driver & PFC connector for LCD panel
BLGND
+5V
C82
10uF
L4
BEAD
C83
100nF
L6
BEAD
D8
D7
D6
D5
D4
D3
D2
D1
D0
LCD_RESET
LEDA
LEDK
FMC_NE1
A0
FMC_NWE
FMC_NOE
VDD
+3V3
Common mode supply filter
LEDA
LEDK
Backlight control: ON/OFF or dimmer by low frequency (1 to 10kHz typ.) PWM using TIM5_CH3
PF5
LEDA
LEDK
current regulated at 15mA
L2
BEAD
Layout: parts close to STLD40D and grouped in same area with BLGND as local ground plane
Reserved use
R52
[N/A]
BLGND
L7
BEAD
R50
100K
+3V3
+3V3
C80
100nF
I2C1_SCL
I2C1_SCL_CTP
I2C1_SDA
I2C1_SDA_CTP
I2C max clock: 400kHz
SB36
Open by default
SB39
Open by default
VDD
I2C1_SCL
I2C1_SCL_CTP
I2C1_SDA
I2C1_SDA_CTP
1
3
G
S
D
TR1
BSN20BK
1
3
G
S
D
TR2
BSN20BK
I2C Level shifter option
lower voltage side
higher voltage side
(MCU )
(CTP)
SB38
Closed by default
SB17
Closed by default
SB37
Open by default
SB40
Open by default
PB7
PB6
I2C1_SDA
I2C1_SCL
CTP_INT
CTP_RST
PG5
PF12
R98
100K
Pull-down to insure CTP is in Reset at power-on
GND
1
FMARK
2
DB15
3
DB14
4
DB13
5
DB12
6
DB11
7
DB10
8
DB9
9
DB8
10
DB7
11
DB6
12
DB5
13
DB4
14
DB3
15
DB2
16
DB1
17
DB0
18
/RD
19
/WR
20
RS
21
/CS
22
RESET
23
IM
24
IOVCC
25
VCI
26
GND
27
LEDA
28
LEDK
29
CN15
FH26-29S-0.3SHW
D9
D10
D11
D12
D13
D14
D15
Top side: layout of CN15
1
29
FRD154BP2902-CTP
FPC
ZZ1
FRD154BP2902-CTP
LCD_D[0..15]
D[0..15]
LCD_TE
PG4
LCD_TE
LCD_RESET
PD11
R41
100K
VDD
FMC_NE1
PD7
R99
100K
VDD
FMC_NWE
PD5
FMC_NOE
PD4
A0
PF0
PD14
PD15
PD0
PD1
PE7
PE8
PE9
PE10
PE11
PE12
PE13
PE14
PE15
PD8
PD9
PD10
PG4
PD11
240x240 pixels TFT LCD with Capaticitve Touch Panel
pixel (0,0) *
X
Y
*: standard orientation. Rotations by 90, 180, 270 degrees possible by registers.
L8
BEAD
+3V3
Not Fitted
R87
[N/A]
R65
[N/A]
+3V3
VDD
SB41
Open by default
SB41 open and SB42 closed
= IM high: LCD in 16bits mode
SB41 closed and SB42 opened = IMlow : LCD in 8bits mode
SB42
LCD Operation: MCU operating voltage range 1.65 to 3.6V
not fitted
not fitted
(TR1, TR2, R65, R87 parts are not soldered)
SB45
SB44
VDD
GND
10
VDD
9
IOVCC
8
RESET
7
GND
6
GND
1
INT
2
GND
3
SDA
4
SCL
5
CN14
DF37NB-10DS-0.4V (5x)
C87
100nF
Capacitive Touch Panel connector of FRD154BP2902-CTP
CTP operation: MCU operating voltage range 1.8 to 3.6V
Pull-down to insure CTP is in Reset at power-on
R105
100K
LCD+Touch FRIDA
R106
[N/A]
R107
[N/A]
+3V3
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com