Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2032 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 37Page - STMicroelectronics UM2032 Datasheet HTML 38Page - STMicroelectronics UM2032 Datasheet HTML 39Page - STMicroelectronics UM2032 Datasheet HTML 40Page - STMicroelectronics UM2032 Datasheet HTML 41Page - STMicroelectronics UM2032 Datasheet HTML 42Page - STMicroelectronics UM2032 Datasheet HTML 43Page - STMicroelectronics UM2032 Datasheet HTML 44Page - STMicroelectronics UM2032 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Figure 20. 32F412GDISCOVERY USB OTG FS
811
USB_OTG_FS
MB1209
D-02
6/29/2016
Title:
Size:
Reference:
Date:
Sheet:
of
A3
Revision:
STM32F412G-DISCO
Project:
+5V
+3V3
R13
0
VBUS
1
DM
2
DP
3
ID
4
GND
5
Shield
6
Shield
7
Shield
8
Shield
9
EXP
10
CN3
475900001
PA9
PA10
PA11
PA12
R76
0
R75
0
Dz
A2
ID
A3
Pd1
B1
Pup
B2
Vbus
B3
D+in
C1
Pd2
C2
D+out
C3
D-in
D1
GND
D2
D-out
D3
D1
EMIF02-USB03F2
LD7
Green
PG8
R17
47K
USB_OTGFS_VBUS
VBUS OK
U5V
USB_OTGFS_DM
USB_OTGFS_DP
USB_OTGFS_ID
USB_OTGFS_OVRCR
PG7
USB_OTGFS_PPWR_EN
R21
0
LD8
Red
R18
620
C5
4.7uF
R14
47K
R12
330
+3V3
transistor pins numbers follow
SOT23 JEDEC standard,
USB Full Speed operating range voltage: 3.0V<VDDUSB<3.6V
R10
10K
R20
0
GND
2
IN
5
EN
4
OUT
1
FAULT
3
U1
STMPS2141STR
R16
47K
Open Drain
1
T1
9013-SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com