Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675A Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM6675A
Description  Latched OVP and UVP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM6675A Datasheet HTML 6Page - STMicroelectronics PM6675A Datasheet HTML 7Page - STMicroelectronics PM6675A Datasheet HTML 8Page - STMicroelectronics PM6675A Datasheet HTML 9Page - STMicroelectronics PM6675A Datasheet HTML 10Page - STMicroelectronics PM6675A Datasheet HTML 11Page - STMicroelectronics PM6675A Datasheet HTML 12Page - STMicroelectronics PM6675A Datasheet HTML 13Page - STMicroelectronics PM6675A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
PM6675A
10/15
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
LDO Internal high-side MOSFET
RDS(on)
ILOUT = 1A, AVCC = 5V
0.2
0.23
Ω
ILDO,CL
LDO source current limit
VLFB < 1.10* VLREF , LILIM = 5V
22.1
2.2
A
VLFB < 1.10* VLREF, LILIM = 0V
11.1
1.2
LDO sink current limit
0.90* VLREF < VLFB < 1.10* VLREF,
LILIM = 5V
-2.2
-2.1
-2
0.90* VLREF < VLFB < 1.10* VLREF,
LILIM = 0V
-1.2
-1.1
-1
VLFB > 1.10* VLREF, LILIM = 5V
-1.2
-1.1
-1
VLFB > 1.10* VLREF, LILIM = 0V
-0.6
-0.55
-0.6
ILIN,BIAS
LDO input bias current, On
LEN connected to AVCC, no load
1
10
µA
LDO input bias current, Off
LEN = 0V, no load
1
ILFB,BIAS LFB input bias current
LEN connected to AVCC
VLFB = 0.6V
-1
1
ILFB,LEAK LFB leakage current
LEN = 0V, VLFB = 0.6V
-1
1
Power management section
VVTHVSEL VSEL pin thresholds
Fixed mode
4.3
V
Adjustable mode
3.7
VVTHNOS
KIP
NOSKIP pin thresholds (1)
Forced-PWM Mode
4.2
No-Audible Mode
1.0
3.5
Pulse-Skip Mode
0.5
VVTHLILIM LILIM pin thresholds (1)
±2A LDO Current Limit
2.4
±1A LDO Current Limit
0.8
IIN,LEAK
Logic input leakage current (1)
LEN, SWEN and LILIM=5V
1
µA
IIN3,LEAK Multilevel input leakage current (1) VSEL and NOSKIP=5V
1
IOSC,LEAK VOSC pin leakage current (1)
VOSC=1V
1
Thermal shutdown
TSHDN
Shutdown temperature (1)
150
°C
1.
Guaranteed by design. Not production tested.
Table 5. Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com