Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675A Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM6675A
Description  Latched OVP and UVP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM6675A Datasheet HTML 7Page - STMicroelectronics PM6675A Datasheet HTML 8Page - STMicroelectronics PM6675A Datasheet HTML 9Page - STMicroelectronics PM6675A Datasheet HTML 10Page - STMicroelectronics PM6675A Datasheet HTML 11Page - STMicroelectronics PM6675A Datasheet HTML 12Page - STMicroelectronics PM6675A Datasheet HTML 13Page - STMicroelectronics PM6675A Datasheet HTML 14Page - STMicroelectronics PM6675A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
PM6675A
12/15
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 7. VFQFPN-24 4mm x 4mm mechanical data
Dim.
mm.
Typ
Min.
Max.
A
0.80
1.00
A1
0.00
0.05
0.05
A2
0.65
0.80
D
4.00
D1
3.75
E4.00
E1
3.75
θ
12°
P
0.420.240.60
e0.50
N
24.00
Nd
6.00
Ne
6.00
L
0.400.300.50
b0.18
0.30
D2
2.10
1.95
2.25
E2
2.10
1.95
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com