Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675A Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6675A
Description  Latched OVP and UVP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6675A Datasheet HTML 7Page - STMicroelectronics PM6675A Datasheet HTML 8Page - STMicroelectronics PM6675A Datasheet HTML 9Page - STMicroelectronics PM6675A Datasheet HTML 10Page - STMicroelectronics PM6675A Datasheet HTML 11Page - STMicroelectronics PM6675A Datasheet HTML 12Page - STMicroelectronics PM6675A Datasheet HTML 13Page - STMicroelectronics PM6675A Datasheet HTML 14Page - STMicroelectronics PM6675A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
PM6675A
Block diagram
11/15
5
Block diagram
Figure 3.
Functional and block diagram
LOUT
LIN
LPG
VCC
AVCC
SGND
VSEL
LEN
SWEN
CSNS
HGATE
LGATE
PHASE
BOOT
PGND
NOSKIP
VREF
VSNS
LFB
VOSC
COMP
CONTROL LOGIC
Zero Crossing
& Current
Limit
SPG
Vr -10
%
Vr +10
%
+
-
+
-
gm
+
_
Vr
+
_
VREF
Level
shifter
1.236V
Bandgap
Vr = 0.6V
SDS
LDS
LEN
LEN
LILIM
UVLO
SWEN
SWEN
Vr
Ton
Toff
1-shot
1-shot
1-shot
fix
adj
UVP/OVP
Thermal Shutdown
min
min
+
-
+
-
Vr +10
%
Vr -10
%
0.6V
+
_
Ton
Anti Cross
Conduction
LILIM
LGND
LDS
LDS
LOUT
LIN
LPG
VCC
AVCC
SGND
VSEL
LEN
SWEN
CSNS
HGATE
LGATE
PHASE
BOOT
PGND
NOSKIP
VREF
VSNS
LFB
VOSC
COMP
CONTROL LOGIC
Zero Crossing
& Current
Limit
SPG
Vr -10
%
Vr +10
%
+
-
+
-
gm
+
_
Vr
+
_
VREF
Level
shifter
1.236V
Bandgap
Vr = 0.6V
SDS
LDS
LEN
LEN
LILIM
UVLO
SWEN
SWEN
Vr
Ton
Toff
1-shot
1-shot
1-shot
fix
adj
UVP/OVP
Thermal Shutdown
min
min
+
-
+
-
Vr +10
%
Vr -10
%
0.6V
+
_
Ton
Anti Cross
Conduction
LOUT
LIN
LPG
VCC
AVCC
SGND
VSEL
LEN
SWEN
CSNS
HGATE
LGATE
PHASE
BOOT
PGND
NOSKIP
VREF
VSNS
LFB
VOSC
COMP
CONTROL LOGIC
Zero Crossing
& Current
Limit
SPG
Vr -10
%
Vr +10
%
+
-
+
-
gm
+
_
Vr
+
_
VREF
Level
shifter
1.236V
Bandgap
Vr = 0.6V
SDS
LDS
LEN
LEN
LILIM
UVLO
SWEN
SWEN
Vr
Ton
Toff
1-shot
1-shot
1-shot
fix
adj
UVP/OVP
Thermal Shutdown
min
min
+
-
+
-
Vr +10
%
Vr -10
%
0.6V
+
_
Ton
Anti Cross
Conduction
LILIM
LGND
LDS
LDS
Table 6. Legend
SWEN
Switching controller enable
LEN
LDO regulator enable
LDS
LDO output discharge enable
SDS
Switching output discharge enable
LILIM
LDO regulator current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com