Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6686 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 22Page - STMicroelectronics PM6686 Datasheet HTML 23Page - STMicroelectronics PM6686 Datasheet HTML 24Page - STMicroelectronics PM6686 Datasheet HTML 25Page - STMicroelectronics PM6686 Datasheet HTML 26Page - STMicroelectronics PM6686 Datasheet HTML 27Page - STMicroelectronics PM6686 Datasheet HTML 28Page - STMicroelectronics PM6686 Datasheet HTML 29Page - STMicroelectronics PM6686 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
Device description
PM6686
26/50
Doc ID 15281 Rev 4
8.1.2
Constant on time control (COT)
PM6686 implements a pseudo-fixed frequency algorithm using the COT architecture. The
two sections are completely independent with separated switching controllers (SMPS).
The COT architecture bases its algorithm on the output ripple derived across the output
capacitor's ESR. The controller has an internal on time (TON) generator triggered on the
output voltage valley: when VOUT reaches the regulation value a new TON starts. The TON
duration is given by the following equation:
Equation 2
Where TON is the on time duration, K is a constant, VOUT is the sensed output voltage and
VIN is the input voltage.
The duty cycle in a buck converter is:
Equation 3
The switching frequency in continuous current mode (CCM) is:
Equation 4
The switching frequency is theoretically constant, but in a real application it depends on
parasitic voltage drops that occur during the charging path (high-side switch resistance,
inductor resistance (DCR)) and discharging path (low-side switch resistance, DCR). As a
result the switching frequency increases as a function of the load current. The following
table shows the switching frequencies that can be selected through TON pin:
Table 8.
Frequency configurations
TON
SMPS 1
SMPS 2
Frequency
K
Frequency
K
VCC
200 kHz
5 µs
300 kHz
3.33 µs
VREF2 or open
400 kHz
2.5 µs
300 kHz
3.33 µs
GND
400 kHz
2.5 µs
500 kHz
2 µs
IN
OUT
ON
V
V
K
T
⋅
=
IN
OUT
SW
ON
V
V
D
T
T
=
=
K
1
V
V
K
V
V
T
D
f
IN
OUT
IN
OUT
ON
SW
=
⋅
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com