Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6686 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 24Page - STMicroelectronics PM6686 Datasheet HTML 25Page - STMicroelectronics PM6686 Datasheet HTML 26Page - STMicroelectronics PM6686 Datasheet HTML 27Page - STMicroelectronics PM6686 Datasheet HTML 28Page - STMicroelectronics PM6686 Datasheet HTML 29Page - STMicroelectronics PM6686 Datasheet HTML 30Page - STMicroelectronics PM6686 Datasheet HTML 31Page - STMicroelectronics PM6686 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Device description
PM6686
28/50
Doc ID 15281 Rev 4
8.1.3
PWM
PWM implements the continuous current mode (CCM). During TON, the high-side MOSFET
is turned on and the inductor current starts increasing. When the Ton is elapsed the high-
side MOSFET is turned off and after a dead time during which neither MOSFET conducts,
the low-side MOSFET turns on. The inductor current decreases until these three conditions
are verified:
●
Output voltage reaches the regulation voltage
●
Inductor current is below the current limit
●
TOFFMIN is elapsed
When these conditions are satisfied a new TON starts.
PWM operation mode has a quasi-constant switching frequency, avoiding any audible noise
issue and the continuous current mode assures better load transitions despite of a lower
efficiency at light loads.
Figure 47.
Inductor current and output voltage in PWM mode
Ton
Toff
Inductor
current
t
Output
voltage
Vreg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com