Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6686 Datasheet(PDF) 45 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 41Page - STMicroelectronics PM6686 Datasheet HTML 42Page - STMicroelectronics PM6686 Datasheet HTML 43Page - STMicroelectronics PM6686 Datasheet HTML 44Page - STMicroelectronics PM6686 Datasheet HTML 45Page - STMicroelectronics PM6686 Datasheet HTML 46Page - STMicroelectronics PM6686 Datasheet HTML 47Page - STMicroelectronics PM6686 Datasheet HTML 48Page - STMicroelectronics PM6686 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
PM6686
PCB design guidelines
Doc ID 15281 Rev 4
45/50
12
PCB design guidelines
The layout is very important in terms of efficiency, stability and noise of the system. It is
possible to refer to the PM6686 demonstration board for a complete layout example.
For good PC board layout follows these guidelines:
●
Place on the top side all the power components (inductors, input and output capacitors,
MOSFETs and diodes). Refer them to a power ground plan, PGND. If possible, reserve
a layer to PGND plan. The PGND plan is the same for both the switching sections.
●
AC current paths layout is very critical (see Figure 58). The first priority is to minimize
their length. Trace the LS MOSFET connection to PGND plan as short as possible.
Place the synchronous diode D near the LS MOSFET. Connect the LS MOSFET drain
to the switching node with a short trace.
●
Place input capacitors near HS MOSFET drain. It is recommended to use the same
input voltage plan for both the switching sections, in order to put together all input
capacitors.
●
Place all the sensitive analog signals (feedbacks, voltage references, current sense
paths) on the bottom side of the board or in an inner layer. Isolate them from the power
top side with a signal ground layer, SGND. Connect the SGND and PGND plans only in
one point (a multiple vias connection is preferable to a 0
Ω resistor connection) near the
PGND device pin. Place the device on the top or on the bottom size and connect the
exposed pad and the SGND pins to the SGND plan (see Figure 58).
●
As general rule, make the high-side and low-side drivers traces wide and short.
●
The high-side driver is powered by the bootstrap circuit. It’s very important to place
capacitor CBOOT as near as possible to the BOOT pin (for example on the layer
opposite to the device). Route HGATE and PHASE traces as near as possible in order
to minimize the area between them.
●
The low-side gate driver is powered by PVCC pin. Placing PGND and LGATE pins near
the low-side MOSFETs reduces the length of the traces and the crosstalk noise
between the two sections.
●
The linear regulator outputs are referred to SGND as long as the reference voltages
VREF2 and VREF3. Place their output filtering capacitors as near as possible to the
device.
●
Place input filtering capacitors near PVCC, VCC and VIN pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com