Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560B50x Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 16Page - STMicroelectronics SPC560B50x Datasheet HTML 17Page - STMicroelectronics SPC560B50x Datasheet HTML 18Page - STMicroelectronics SPC560B50x Datasheet HTML 19Page - STMicroelectronics SPC560B50x Datasheet HTML 20Page - STMicroelectronics SPC560B50x Datasheet HTML 21Page - STMicroelectronics SPC560B50x Datasheet HTML 22Page - STMicroelectronics SPC560B50x Datasheet HTML 23Page - STMicroelectronics SPC560B50x Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
20/116
DocID14619 Rev 13
3.5
System pins
The system pins are listed in Table 5.
3.6
Functional ports
The functional port pins are listed in Table 6.
c.
All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium
(see PCR.SRC in section Pad Configuration Registers (PCR0–PCR122) in the device reference manual).
Table 5. System pin descriptions
Function
Pin number
RESET
Bidirectional reset with Schmitt-Trigger characteristics
and noise filter.
I/O
M
Input, weak
pull-up only
after PHASE2
917
21
J1
EXTAL
Analog output of the oscillator amplifier circuit, when the
oscillator is not in bypass mode.
Analog input for the clock generator when the oscillator
is in bypass mode.(2)
I/O
X
Tristate
27
36
50
N8
XTAL
Analog input of the oscillator amplifier circuit. Needs to
be grounded if oscillator is used in bypass mode.(2)
I
X
Tristate
25
34
48
P8
1.
LBGA208 available only as development package for Nexus2+
2.
See the relevant section of the datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com