Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560B50x Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 47Page - STMicroelectronics SPC560B50x Datasheet HTML 48Page - STMicroelectronics SPC560B50x Datasheet HTML 49Page - STMicroelectronics SPC560B50x Datasheet HTML 50Page - STMicroelectronics SPC560B50x Datasheet HTML 51Page - STMicroelectronics SPC560B50x Datasheet HTML 52Page - STMicroelectronics SPC560B50x Datasheet HTML 53Page - STMicroelectronics SPC560B50x Datasheet HTML 54Page - STMicroelectronics SPC560B50x Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
DocID14619 Rev 13
51/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
3.15.5
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is
associated to a VDD/VSS supply pair as described in Table 22.
Table 23 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment
should remain below the IAVGSEG maximum value.
ttr CC
D
Output transition time output
pin(2)
MEDIUM configuration
CL = 25 pF
VDD = 5.0 V ± 10%, PAD3V5V = 0
SIUL.PCRx.SRC = 1
——
10
ns
TCL = 50 pF
—
—
20
D
CL =
100 pF
——
40
DCL = 25 pF
VDD = 3.3 V ± 10%, PAD3V5V = 1
SIUL.PCRx.SRC = 1
——
12
TCL = 50 pF
—
—
25
D
CL =
100 pF
——
40
ttr CC D
Output transition time output
pin(2)
FAST configuration
CL = 25 pF
VDD = 5.0 V ± 10%, PAD3V5V = 0
——
4
ns
CL = 50 pF
—
—
6
CL =
100 pF
——
12
CL = 25 pF
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
4
CL = 50 pF
—
—
7
CL =
100 pF
——
12
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
2.
CL includes device and package capacitances (CPKG < 5 pF).
Table 21. Output pin transition times (continued)
Symbol C
Parameter
Conditions(1)
Value
Unit
Min Typ Max
Table 22. I/O supply segment
Package
Supply segment
12
345
6
LBGA208(1)
Equivalent to LQFP144 segment pad distribution
MCKO
MDOn/MSEO
LQFP144
pin20–pin49
pin51–pin99
pin100–pin122 pin 123–pin19
—
—
LQFP100
pin16–pin35
pin37–pin69
pin70–pin83
pin 84–pin15
—
—
LQFP64(2)
pin8–pin26
pin28–pin55
pin56–pin7
—
—
—
1.
LBGA208 available only as development package for Nexus2+
2.
All LQFP64 information is indicative and must be confirmed during silicon validation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com