Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560B50x Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 35Page - STMicroelectronics SPC560B50x Datasheet HTML 36Page - STMicroelectronics SPC560B50x Datasheet HTML 37Page - STMicroelectronics SPC560B50x Datasheet HTML 38Page - STMicroelectronics SPC560B50x Datasheet HTML 39Page - STMicroelectronics SPC560B50x Datasheet HTML 40Page - STMicroelectronics SPC560B50x Datasheet HTML 41Page - STMicroelectronics SPC560B50x Datasheet HTML 42Page - STMicroelectronics SPC560B50x Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
DocID14619 Rev 13
39/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
3.7
Nexus 2+ pins
In the LBGA208 package, eight additional debug pins are available (see Table 7).
3.8
Electrical characteristics
3.9
Introduction
This section contains electrical characteristics of the device as well as temperature and
power considerations.
This product contains devices to protect the inputs against damage due to high static
voltages. However, it is advisable to take precautions to avoid applying any voltage higher
than the specified maximum rated voltages.
To enhance reliability, unused inputs can be driven to an appropriate logic voltage level (VDD
or VSS). This could be done by the internal pull-up and pull-down, which is provided by the
product for most general purpose pins.
The parameters listed in the following tables represent the characteristics of the device and
its demands on the system.
In the tables where the device logic provides signals with their respective timing
characteristics, the symbol “CC” for Controller Characteristics is included in the Symbol
column.
11. Available only on SPC560Cx versions and SPC560B50B2 devices
12. Not available on SPC560B40L3 and SPC560B40L5 devices
13. Not available in 100 LQFP package
14. Available only on SPC560B50B2 devices
15. Not available on SPC560B44L3 devices
Table 7. Nexus 2+ pin descriptions
Debug pin
Function
I/O
direction
Pad type
Function
after reset
Pin number
LQFP
100
LQFP
144
LBGA
208(1)
MCKO
Message clock out
O
F
T4
MDO0
Message data out 0
O
M
H15
MDO1
Message data out 1
O
M
H16
MDO2
Message data out 2
O
M
H14
MDO3
Message data out 3
O
M
H13
EVTI
Event in
I
M
Pull-up
K1
EVTO
Event out
O
M
L4
MSEO
Message start/end out
O
M
G16
1.
LBGA208 available only as development package for Nexus2+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com