Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP144 Datasheet(PDF) 64 Page - STMicroelectronics

Part # LQFP144
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 60Page - STMicroelectronics LQFP144 Datasheet HTML 61Page - STMicroelectronics LQFP144 Datasheet HTML 62Page - STMicroelectronics LQFP144 Datasheet HTML 63Page - STMicroelectronics LQFP144 Datasheet HTML 64Page - STMicroelectronics LQFP144 Datasheet HTML 65Page - STMicroelectronics LQFP144 Datasheet HTML 66Page - STMicroelectronics LQFP144 Datasheet HTML 67Page - STMicroelectronics LQFP144 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
Package pinouts and signal descriptions
SPC560B40x/50x, SPC560C40x/50x
64/116
DocID14619 Rev 13
The

VDD(STDBY)| and dVDD(STDBY)/dt system requirement can be used to define the
component used for the VDD supply generation. The following two examples describe how
to calculate capacitance size:
Example 1 No regulator (worst case)
The

VDD(STDBY)| parameter can be seen as the VDD voltage drop through the ESR
resistance of the regulator stability capacitor when the IDD_BV current required to load
VDD_LV domain during the standby exit. It is thus possible to define the maximum equivalent
resistance ESRSTDBY(MAX) of the total capacitance on the VDD supply:
ESRSTDBY(MAX) = VDD(STDBY)|/IDD_BV = (30 mV)/(300 mA) = 0.1
(d)
The dVDD(STDBY)/dt parameter can be seen as the VDD voltage drop at the capacitance
pin (excluding ESR drop) while providing the IDD_BV supply required to load VDD_LV domain
during the standby exit. It is thus possible to define the minimum equivalent capacitance
CSTDBY(MIN) of the total capacitance on the VDD supply:
CSTDBY(MIN) = IDD_BV/dVDD(STDBY)/dt = (300 mA)/(15 mV/µs) = 20µF
This configuration is a worst case, with the assumption no regulator is available.
Example 2 Simplified regulator
The regulator should be able to provide significant amount of the current during the standby
exit process. For example, in case of an ideal voltage regulator providing 200 mA current, it
is possible to recalculate the equivalent ESRSTDBY(MAX) and CSTDBY(MIN) as follows:
IULPREG
SR —
Ultra low power regulator current
provided to VDD_LV domain
——
—
5
mA
IULPREGINT
CC D
Ultra low power regulator module
current consumption
IULPREG = 5 mA;
TA = 55 °C
——
100
µA
IULPREG = 0 mA;
TA = 55 °C
—
2—
IDD_BV
CC D
In-rush average current on
VDD_BV during power-up
(5)
——
—
300
(6)
mA
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
2.
This capacitance value is driven by the constraints of the external voltage regulator supplying the VDD_BV voltage. A typical
value is in the range of 470 nF.
3.
This value is acceptable to guarantee operation from 4.5 V to 5.5 V
4.
External regulator and capacitance circuitry must be capable of providing IDD_BV while maintaining supply VDD_BV in
operating range.
5.
In-rush average current is seen only for short time (maximum 20 µs) during power-up and on standby exit. It is dependant
on the sum of the CREGn capacitances.
6.
The duration of the in-rush current depends on the capacitance placed on LV pins. BV decoupling capacitors must be sized
accordingly. Refer to IMREG value for minimum amount of current to be provided in cc.
Table 26. Voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
d.
Based on typical time for standby exit sequence of 20 µs, ESR(MIN) can actually be considered at ~50 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com