Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP144 Datasheet(PDF) 43 Page - STMicroelectronics

Part # LQFP144
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 39Page - STMicroelectronics LQFP144 Datasheet HTML 40Page - STMicroelectronics LQFP144 Datasheet HTML 41Page - STMicroelectronics LQFP144 Datasheet HTML 42Page - STMicroelectronics LQFP144 Datasheet HTML 43Page - STMicroelectronics LQFP144 Datasheet HTML 44Page - STMicroelectronics LQFP144 Datasheet HTML 45Page - STMicroelectronics LQFP144 Datasheet HTML 46Page - STMicroelectronics LQFP144 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
DocID14619 Rev 13
43/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
VIN
SR
Voltage on any GPIO pin with respect to ground
(VSS)
—VSS0.1
—
V
Relative to VDD
—VDD+0.1
IINJPAD
SR
Injected input current on any pin during overload
condition
—
55
mA
IINJSUM
SR
Absolute sum of all injected input currents
during overload condition
—
50
50
TVDD
SR VDD slope to ensure correct power up
(6)
—3.0(7)
250 x 103
(0.25
[V/µs])
V/s
1.
100 nF capacitance needs to be provided between each VDD/VSS pair
2.
330 nF capacitance needs to be provided between each VDD_LV/VSS_LV supply pair.
3.
400 nF capacitance needs to be provided between VDD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
4.
100 nF capacitance needs to be provided between VDD_ADC/VSS_ADC pair.
5.
Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL, device is
reset.
6.
Guaranteed by device validation.
7.
Minimum value of TVDD must be guaranteed until VDD reaches 2.6 V (maximum value of VPORH).
Table 14. Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
(1)
SR
Voltage on VDD_HV pins with respect to
ground (VSS)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
VSS_LV
(3)
SR
Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground (VSS)
—VSS0.1
VSS+0.1
V
VDD_BV
(4)
SR
Voltage on VDD_BV pin (regulator supply)
with respect to ground (VSS)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to VDD
VDD0.1 VDD+0.1
VSS_ADC
SR
Voltage on VSS_HV_ADC (ADC reference)
pin with respect to ground (VSS
—VSS0.1
VSS+0.1
V
VDD_ADC
(5)
SR
Voltage on VDD_HV_ADC pin (ADC
reference) with respect to ground (VSS)
—4.5
5.5
V
Voltage drop(2)
3.0
5.5
Relative to VDD
VDD0.1 VDD+0.1
VIN
SR
Voltage on any GPIO pin with respect to
ground (VSS)
—VSS0.1
—
V
Relative to VDD
—VDD+0.1
Table 13. Recommended operating conditions (3.3 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com