Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP144 Datasheet(PDF) 67 Page - STMicroelectronics

Part # LQFP144
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP144 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button LQFP144 Datasheet HTML 63Page - STMicroelectronics LQFP144 Datasheet HTML 64Page - STMicroelectronics LQFP144 Datasheet HTML 65Page - STMicroelectronics LQFP144 Datasheet HTML 66Page - STMicroelectronics LQFP144 Datasheet HTML 67Page - STMicroelectronics LQFP144 Datasheet HTML 68Page - STMicroelectronics LQFP144 Datasheet HTML 69Page - STMicroelectronics LQFP144 Datasheet HTML 70Page - STMicroelectronics LQFP144 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 116 page
background image
DocID14619 Rev 13
67/116
SPC560B40x/50x, SPC560C40x/50x
Package pinouts and signal descriptions
115
IDDSTOP
CC
P
STOP mode current(7)
Slow internal RC oscillator
(128 kHz) running
TA = 25 °C
—
180
700(8)
µA
DTA = 55 °C
—
500
—
DTA = 85 °C
—
1
6(8)
mA
DTA = 105 °C
—
2
9(8)
PTA = 125 °C
—
4.5
12(8)
IDDSTDBY2 CC
P
STANDBY2 mode
current(9)
Slow internal RC oscillator
(128 kHz) running
TA = 25 °C
—
30
100
µA
DTA = 55 °C
—
75
—
DTA = 85 °C
—
180
700
DTA = 105 °C
—
315
1000
PTA = 125 °C
—
560
1700
IDDSTDBY1 CC
T
STANDBY1 mode
current(10)
Slow internal RC oscillator
(128 kHz) running
TA = 25 °C
—
20
60
µA
DTA = 55 °C
—
45
—
DTA = 85 °C
—
100
350
DTA = 105 °C
—
165
500
DTA = 125 °C
—
280
900
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
2.
IDDMAX is drawn only from the VDD_BV pin. Running consumption does not include I/Os toggling which is highly dependent
on the application. The given value is thought to be a worst case value with all peripherals running, and code fetched from
code flash while modify operation ongoing on data flash. Notice that this value can be significantly reduced by application:
switch off not used peripherals (default), reduce peripheral frequency through internal prescaler, fetch from RAM most used
functions, use low power mode when possible.
3.
Higher current may be sinked by device during power-up and standby exit. Please refer to in rush current on Table 26.
4.
IDDRUN is drawn only from the VDD_BV pin. RUN current measured with typical application with accesses on both flash and
RAM.
5.
Only for the “P” classification: Data and Code Flash in Normal Power. Code fetched from RAM: Serial IPs CAN and LIN in
loop back mode, DSPI as Master, PLL as system Clock (4 x Multiplier) peripherals on (eMIOS/CTU/ADC) and running at
max frequency, periodic SW/WDG timer reset enabled.
6.
Data Flash Power Down. Code Flash in Low Power. SIRC (128 kHz) and FIRC (16 MHz) on. 10 MHz XTAL clock.
FlexCAN: instances: 0, 1, 2 ON (clocked but not reception or transmission), instances: 4, 5, 6 clock gated. LINFlex:
instances: 0, 1, 2 ON (clocked but not reception or transmission), instance: 3 clock gated. eMIOS: instance: 0 ON (16
channels on PA[0]–PA[11] and PC[12]–PC[15]) with PWM 20 kHz, instance: 1 clock gated. DSPI: instance: 0 (clocked but
no communication). RTC/API ON. PIT ON. STM ON. ADC ON but not conversion except 2 analog watchdog.
7.
Only for the “P” classification: No clock, FIRC (16 MHz) off, SIRC (128 kHz) on, PLL off, HPvreg off, ULPVreg/LPVreg on.
All possible peripherals off and clock gated. Flash in power down mode.
8.
When going from RUN to STOP mode and the core consumption is > 6 mA, it is normal operation for the main regulator
module to be kept on by the on-chip current monitoring circuit. This is most likely to occur with junction temperatures
exceeding 125 °C and under these circumstances, it is possible for the current to initially exceed the maximum STOP
specification by up to 2 mA. After entering stop, the application junction temperature will reduce to the ambient level and
the main regulator will be automatically switched off when the load current is below 6 mA.
9.
Only for the “P” classification: ULPreg on, HP/LPVreg off, 32 KB RAM on, device configured for minimum consumption, all
possible modules switched off.
10. ULPreg on, HP/LPVreg off, 8 KB RAM on, device configured for minimum consumption, all possible modules switched off.
Table 28. Power consumption on VDD_BV and VDD_HV (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com