Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296E Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 68Page - STMicroelectronics ST10F296E Datasheet HTML 69Page - STMicroelectronics ST10F296E Datasheet HTML 70Page - STMicroelectronics ST10F296E Datasheet HTML 71Page - STMicroelectronics ST10F296E Datasheet HTML 72Page - STMicroelectronics ST10F296E Datasheet HTML 73Page - STMicroelectronics ST10F296E Datasheet HTML 74Page - STMicroelectronics ST10F296E Datasheet HTML 75Page - STMicroelectronics ST10F296E Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
The bootstrap loader
ST10F296E
72/346
Figure 9.
Memory configuration after reset
1.
As long as the ST10F296E is in BSL, user software should not try to execute code from the internal IFlash
as the fetches are redirected to the Test-Flash.
6.2.6
Loading the startup code
After the serial link initialization sequence (see Section 6.3 and Section 6.4), the BSL enters
a loop to receive 32 bytes (boot via UART) or 128 bytes (boot via CAN).
These bytes are stored sequentially into the ST10F296E dual-port RAM from location
00’FA40h.
To execute the loaded code, the BSL jumps to location 00’FA40h. The bootstrap sequence
running from the Test-Flash terminates. However, the microcontroller remains in BSL mode.
The initially loaded routine (the first level user code) most probably loads additional code
and data. This first level user code may use the pre-initialized interface (UART or CAN) to
receive data, a second level code, and store it to arbitrary user-defined locations.
This second level code may be the final application code. It may also be another, more
sophisticated, loader routine that adds a transmission protocol to enhance the integrity of
the loaded code or data. It may also contain a code sequence to change the system
configuration and enable the bus interface to store the received data into external memory.
In all cases, the ST10F296E runs in BSL mode, i.e. with the watchdog timer disabled and
with limited access to the internal IFlash area.
int. Flash
enabled
Access to
external
bus
disabled
Access to
Int.
RAM
1
0
int. Flash
enabled
Access to
external
bus
enabled
Access to
Int.
RAM
1
0
Int.
RAM
1
0
Depends on
reset config.
(EA, PO)
Depends on
reset config.
16 Mbytes
16 Mbytes
16 Mbytes
BSL mode active
EA pin
Code fetch from internal Flash
Data fetch from internal Flash
area
area
Yes (P0L.4 = 0
High
Test-Flash access
User IFlash access
Yes (P0L.4 = 0
Low
Test-Flash access
User IFlash access
No (P0L.4 = 1
According to application
User IFlash access
User IFlash access
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com