Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296E Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 24Page - STMicroelectronics ST10F296E Datasheet HTML 25Page - STMicroelectronics ST10F296E Datasheet HTML 26Page - STMicroelectronics ST10F296E Datasheet HTML 27Page - STMicroelectronics ST10F296E Datasheet HTML 28Page - STMicroelectronics ST10F296E Datasheet HTML 29Page - STMicroelectronics ST10F296E Datasheet HTML 30Page - STMicroelectronics ST10F296E Datasheet HTML 31Page - STMicroelectronics ST10F296E Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Ball data
ST10F296E
28/346
P1L.0 to
P1L.7 and
P1H.0 to
P1H.7
C11
I/O
Port 1 output pins: Two 8-bit
bidirectional I/O ports P1L
and P1H, bit-wise
programmable for input or
output via direction bit.
Programming an I/O pin as
input forces the
corresponding output driver
to high impedance state.
Port 1 is used as the 16-bit
address bus (A) in
demultiplexed bus modes: if
at least BUSCONx is
configured so that the
demultiplexed mode is
selected, the pis of Port 1
are not available for general
purpose I/O function. The
input threshold of Port 1 is
selectable (TTL or CMOS).
P1L.0
B11
I/O
P1L.1
D10
I/O
P1L.2
C10
I/O
P1L.3
B10
I/O
P1L.4
A10
I/O
P1L.5
D9
I/O
P1L.6
C9
I/O
P1L.7
C8
I/O
P1H.0
D8
I/O
P1H.1
A7
I/O
P1H.2
B7
I/O
P1H.3
C7
I
P1H.4
CC24I
CAPCOM2: CC24 capture
input
D7
I
P1H.5
CC25I
CAPCOM2: CC25 capture
input
C5
I
P1H.6
CC26I
CAPCOM2: CC26 capture
input
C6
I
P1H.7
CC27I
CAPCOM2: CC27 capture
input
Table 2.
Ball description (continued)
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com