Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296E Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 20Page - STMicroelectronics ST10F296E Datasheet HTML 21Page - STMicroelectronics ST10F296E Datasheet HTML 22Page - STMicroelectronics ST10F296E Datasheet HTML 23Page - STMicroelectronics ST10F296E Datasheet HTML 24Page - STMicroelectronics ST10F296E Datasheet HTML 25Page - STMicroelectronics ST10F296E Datasheet HTML 26Page - STMicroelectronics ST10F296E Datasheet HTML 27Page - STMicroelectronics ST10F296E Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Ball data
ST10F296E
24/346
P2.0 to
P2.15 cont’d
T10
I/O
16-bit bidirectional I/O port,
bit-wise programmable for
input or output via direction
bit. Programming an I/O pin
as input forces the
corresponding output driver
to high impedance state.
Port 2 outputs can be
configured as push-pull or
open-drain drivers. The
input threshold of Port 2 is
selectable (TTL or CMOS).
P2.8
CC8IO
CAPCOM1: CC8 capture
input/compare output
I
EX0IN
Fast external interrupt 0
input
R10
I/O
P2.9
CC9IO
CAPCOM1: CC9 capture
input/compare output
I
EX1IN
Fast external interrupt 1
input
P10
I/O
P2.10
CC10IO
CAPCOM1: CC10 capture
input/compare output
I
EX2IN
Fast external interrupt 2
input
T11
I/O
P2.11
CC11IO
CAPCOM1: CC11 capture
input/compare output
I
EX3IN
Fast external interrupt 3
input
R11
I/O
P2.12
CC12IO
CAPCOM1: CC12 capture
input/compare output
I
EX4IN
Fast external interrupt 4
input
U12
I/O
P2.13
CC13IO
CAPCOM1: CC13 capture
input/compare output
I
EX5IN
Fast external interrupt 5
input
P11
I/O
P2.14
CC14IO
CAPCOM1: CC14 capture
input/compare output
I
EX6IN
Fast external interrupt 6
input
T12
I/O
P2.15
CC15IO
CAPCOM1: CC15 capture
input/compare output
I
EX7IN
Fast external interrupt 7
input
IT7IN
CAPCOM2: Timer T7 count
input
Table 2.
Ball description (continued)
Symbol
Ball
no.
Type
Function (including port, pin and alternate function where applicable)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com