| Electronic Components Datasheet Search |
|
ST10F296E Datasheet(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296E Datasheet(HTML) 118 Page - STMicroelectronics |
|
118 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) Parallel ports ST10F296E 118/346 13 Parallel ports The ST10F296E MCU provides up to 143 I/O lines with programmable features. The MCU is therefore very flexible for a wide range of applications. The ST10F296E has 11 groups of I/O lines organized as follows: ● Port 0 is a two-time, 8-bit port named P0L (low is the least significant byte) and P0H (high is the most significant byte) ● Port 1 is a two-time, 8-bit port named P1L and P1H ● Port 2 is a 16-bit port ● Port 3 is a 15-bit port (P3.14 line is not implemented) ● Port 4 is an 8-bit port ● Port 5 is a 16-bit input only port ● Port 6, Port 7 and Port 8 are 8-bit ports ● XPort 9 is a 16-bit general purpose port ● XPort 10 is a 16-bit input only port These ports may be used as general purpose bidirectional input or output, software controlled with dedicated registers. For example the output drivers of seven of the ports (2, 3, 4, 6, 7, 8, and 9) can be configured (bit-wise) for push-pull or open-drain operation using the ODPx registers (and the XODP9 register for XPort 9). The input threshold levels are programmable (TTL/CMOS) for all ports. The logic level of a pin is clocked into the input latch once per state time, regardless of whether the port is configured for input or output. The threshold is selected with PICON and XPICON registers control bits. A write operation to a port pin configured as an input causes the value to be written into the port output latch, while a read operation returns the latched state of the pin itself. A read- modify-write operation reads the value of the pin, modifies it, and writes it back to the output latch. Writing to a pin configured as an output (DPx.y = 1) causes the output latch and the pin to have the written value, since the output buffer is enabled. Reading this pin returns the value of the output latch. A read-modify-write operation reads the value of the output latch, modifies it, and writes it back to the output latch, thus also modifying the level at the pin. I/O lines support an alternate function which is detailed in Section 13.1.4, Section 13.2.2, Section 13.3.2, and Section 13.4.2. Note: The I/O ports XPort 9 and XPort10 are not mapped on the SFR space but on the internal XBus interface. They are enabled by setting the XPEN bit, bit 2, of the SYSCON register and bit 11 of the XPERCON register. On the XBus interface, the registers are not bit- addressable Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |