Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F296E Datasheet(PDF) 279 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 279 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 275Page - STMicroelectronics ST10F296E Datasheet HTML 276Page - STMicroelectronics ST10F296E Datasheet HTML 277Page - STMicroelectronics ST10F296E Datasheet HTML 278Page - STMicroelectronics ST10F296E Datasheet HTML 279Page - STMicroelectronics ST10F296E Datasheet HTML 280Page - STMicroelectronics ST10F296E Datasheet HTML 281Page - STMicroelectronics ST10F296E Datasheet HTML 282Page - STMicroelectronics ST10F296E Datasheet HTML 283Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
279/346
IDMEM register
IDPROG register
Note:
All identification registers are read-only registers.
The values written inside different identification register bits are valid only after the Flash
initialization phase has been completed. When code execution starts from the internal
memory (pin EA held high during reset), the Flash has completed initialization and the
identification register bits can be read. When code execution starts from the external
memory (pin EA held low during reset), Flash initialization has not been completed and the
identification register bits cannot be read. The user can poll bits 15 and 14 of the IDMEM
register. When both these bits are read low, Flash initialization can be completed and all
identification register bits can be read.
IDMEM (F07Ah/3Dh)
ESFR
Reset value: 30D0h
15
14
13
12
11
10
987
65432
10
MEMTYP
MEMSIZE
RR
Table 148.
IDMEM register description
Bit
Bit name
Function
15-12
MEMTYP
Internal memory type
0h: ROM-less
1h: (M) ROM memory
2h: (S) Standard Flash memory
3h: (H) High performance Flash memory (ST10F296E)
4h...Fh: Reserved
11 - 0
MEMSIZE
Internal memory size
Internal memory size is 4 x (MEMSIZE) (in Kbyte). The 0D0h for the
ST10F296E is 832 Kbytes
IDPROG (F078h/3Ch)
ESFR
Reset value: 0040h
15
14
13
12
11
10
987
65432
10
PROGVPP
PROGVDD
RR
Table 149.
IDPROG register description
Bit
Bit name
Function
15-8
PROGVPP
Programming VPP voltage (no need of external VPP) - 00h
No need for external VPP (00h)
7-0
PROGVDD
Programming VDD voltage
When programming EPROM or Flash devices, VDD voltage is calculated
using the following formula for 5 V ST10F296E devices:
VDD = 20 x [PROGVDD] / 256 (volts) - 40h
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com