Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321J7-Auto Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST72321J7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7-Auto Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST72321J7-Auto Datasheet HTML 71Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 72Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 73Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 74Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 75Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 76Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 77Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 78Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 243 page
background image
ST72321xx-Auto
I/O ports
Doc ID 13829 Rev 1
75/243
9.4
Low power modes
9.5
Interrupts
The external interrupt event generates an interrupt if the corresponding configuration is
selected with DDR and OR registers and the interrupt mask in the CC register is not active
(RIM instruction).
Port B
PB7, PB3
floating
floating interrupt
open-drain
push-pull
PB6:5, PB4, PB2:0
floating
pull-up interrupt
open-drain
push-pull
Port C PC7:0
floating
pull-up
open-drain
push-pull
Port D PD7:0
floating
pull-up
open-drain
push-pull
Port E
PE7:3, PE1:0
floating
pull-up
open drain
push-pull
PE2 (Flash devices)
pull-up input only
PE2 (ROM devices)
floating
open drain
push-pull
Port F
PF7:3
floating
pull-up
open-drain
push-pull
PF2
floating
floating interrupt
open-drain
push-pull
PF1:0
floating
pull-up interrupt
open-drain
push-pull
Table 31.
I/O port configuration (continued)
Port
Pin name
Input (DDR = 0)
Output (DDR = 1)
OR = 0
OR = 1
OR = 0
OR = 1
Table 32.
Effect of low power modes on I/O ports
Mode
Effect
Wait
No effect on I/O ports. External interrupts cause the device to exit from Wait mode.
Halt
No effect on I/O ports. External interrupts cause the device to exit from Halt mode.
Table 33.
I/O port interrupt control/wake-up capability
Interrupt event
Event flag
Enable
control bit
Exit from
Wait
Exit from
Halt
External interrupt on selected
external event
-
DDRx, ORx
Yes
Yes
Table 34.
I/O port register map and reset values
Address (Hex.)
Register label
76543210
Reset value of all I/O port registers
00000000
0000h
PADR
MSB
LSB
0001h
PADDR
0002h
PAOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com