Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321J7-Auto Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST72321J7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7-Auto Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST72321J7-Auto Datasheet HTML 91Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 92Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 93Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 94Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 95Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 96Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 97Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 98Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 243 page
background image
ST72321xx-Auto
PWM auto-reload timer (ART)
Doc ID 13829 Rev 1
95/243
12.3.4
PWM control register (PWMCR)
Table 49.
PWM frequency versus resolution
ARTARR value
Resolution
fPWM
Min
Max
0
8-bit
~0.244 kHz
31.25 kHz
[ 0..127 ]
> 7-bit
~0.244 kHz
62.5 kHz
[ 128..191 ]
> 6-bit
~0.488 kHz
125 kHz
[ 192..223 ]
> 5-bit
~0.977 kHz
250 kHz
[ 224..239 ]
> 4-bit
~1.953 kHz
500 kHz
PWMCR
Reset value: 0000 0000 (00h)
76
543
21
0
OE[3:0]
OP[3:0]
RW
RW
Table 50.
PWMCR register description
Bit
Name
Function
7:4
OE[3:0]
PWM Output Enable
These bits are set and cleared by software. They enable or disable the PWM
output channels independently acting on the corresponding I/O pin.
0: PWM output disabled
1: PWM output enabled
3:0
OP[3:0]
PWM Output Polarity
These bits are set and cleared by software. They independently select the polarity
of the four PWM output signals (see Table 51).
Table 51.
PWM output signal polarity selection
PWMx output level
OPx(1)
1.
When an OPx bit is modified, the PWMx output signal polarity is immediately reversed.
Counter <= OCRx
Counter > OCRx
100
011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com