Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321J7-Auto Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST72321J7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7-Auto Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST72321J7-Auto Datasheet HTML 20Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 21Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 22Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 23Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 24Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 25Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 26Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 27Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 243 page
background image
Package pinout and pin description
ST72321xx-Auto
24/243
Doc ID 13829 Rev 1
41
29
PC6/SCK/ICCCLK I/O CT
X
XX
X
Port C6
SPI Serial
Clock
ICC Clock
Output
Caution: Negative
current injection not
allowed on this pin
(Flash devices only)
42
30
PC7/SS/AIN15
I/O CT
X
XX
X
X
Port C7
SPI Slave
Select
(active low)
ADC
Analog
Input 15
43
-
PA0
I/O CT
X
ei0
X
X
Port A0
44
-
PA1
I/O CT
X
ei0
X
X
Port A1
45
-
PA2
I/O CT
X
ei0
X
X
Port A2
46
31
PA3(HS)
I/O CT HS
X
ei0
X
X
Port A3
47
32
VDD_1
(1)
S
Digital Main Supply Voltage
48
33
VSS_1
(1)
S
Digital Ground Voltage
49
34
PA4(HS)
I/O CT HS
X
XX
X
Port A4
50
35
PA5(HS)
I/O CT HS
X
XX
X
Port A5
51
36
PA6(HS)/SDAI
I/O CT HS
X
T
Port A6
I2C Data
52
37
PA7(HS)/SCLI
I/O CT HS
X
T
Port A7
I2C Clock
53
38
VPP/ ICCSEL
I
Must be tied low. In Flash
programming mode, this pin acts
as the programming voltage input
VPP. See Section 19.9.2:
ICCSEL/VPP pin for more details.
High voltage must not be applied
to ROM devices.
54
39
RESET
I/O CT
Top priority non-maskable interrupt
55
-
EVD
I
A
External voltage detector
56
-
TLI
I
CT
X
Top level interrupt input pin
57
40
VSS_2
(1)
S
Digital Ground Voltage
58
41
OSC2(2)
I/O
Resonator oscillator inverter output
59
42
OSC1(2)
I
External clock input or Resonator
oscillator inverter input
60
43
VDD_2
(1)
S
Digital Main Supply Voltage
61
44
PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
62
1
PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
Table 3.
Device pin description (continued)
Pin No.
Pin name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com