| Electronic Components Datasheet Search |
|
ST72344S2 Datasheet(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344S2 Datasheet(HTML) 134 Page - STMicroelectronics |
|
134 / 247 page ![]() On-chip peripherals ST72344xx, ST2345xx 134/247 Doc ID 12321 Rev 6 Character transmission During an SCI transmission, data shifts out least significant bit first on the TDO pin. In this mode, the SCIDR register consists of a buffer (TDR) between the internal bus and the transmit shift register (see Figure 64). Procedure: – Select the M bit to define the word length. – Select the desired baud rate using the SCIBRR and the SCIETPR registers. – Set the TE bit to send an idle frame as first transmission. – Access the SCISR register and write the data to send in the SCIDR register (this sequence clears the TDRE bit). Repeat this sequence for each data to be transmitted. Clearing the TDRE bit is always performed by the following software sequence: a) An access to the SCISR register b) A write to the SCIDR register The TDRE bit is set by hardware and it indicates: – The TDR register is empty. – The data transfer is beginning. – The next data can be written in the SCIDR register without overwriting the previous data. This flag generates an interrupt if the TIE bit is set and the I bit is cleared in the CCR register. When a transmission is taking place, a write instruction to the SCIDR register stores the data in the TDR register and which is copied in the shift register at the end of the current transmission. When no transmission is taking place, a write instruction to the SCIDR register places the data directly in the shift register; the data transmission starts, and the TDRE bit is immediately set. When a frame transmission is complete (after the stop bit or after the break frame) the TC bit is set and an interrupt is generated if the TCIE is set and the I bit is cleared in the CCR register. Clearing the TC bit is performed by the following software sequence: a) An access to the SCISR register b) A write to the SCIDR register Note: The TDRE and TC bits are cleared by the same software sequence. Break characters Setting the SBK bit loads the shift register with a break character. The break frame length depends on the M bit (see Figure 64). As long as the SBK bit is set, the SCI send break frames to the TDO pin. After clearing this bit by software the SCI insert a logic 1 bit at the end of the last break frame to guarantee the recognition of the start bit of the next frame. Idle characters Setting the TE bit drives the SCI to send an idle frame before the first data frame. Clearing and then setting the TE bit during a transmission sends an idle frame after the current word. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |