| Electronic Components Datasheet Search |
|
ST72344S2 Datasheet(PDF) 135 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344S2 Datasheet(HTML) 135 Page - STMicroelectronics |
|
135 / 247 page ![]() ST72344xx, ST2345xx On-chip peripherals Doc ID 12321 Rev 6 135/247 Note: Resetting and setting the TE bit causes the data in the TDR register to be lost. Therefore, the best time to toggle the TE bit is when the TDRE bit is set, that is, before writing the next byte in the SCIDR. Receiver The SCI can receive data words of either 8 or 9 bits. When the M bit is set, the word length is 9 bits and the MSB is stored in the R8 bit in the SCICR1 register. Character reception During a SCI reception, data shifts in least significant bit first through the RDI pin. In this mode, the SCIDR register consists or a buffer (RDR) between the internal bus and the received shift register (see Figure 63). Procedure: – Select the M bit to define the word length. – Select the desired baud rate using the SCIBRR and the SCIERPR registers. – Set the RE bit, this enables the receiver which begins searching for a start bit. When a character is received: – The RDRF bit is set. It indicates that the content of the shift register is transferred to the RDR. – An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR register. – The error flags can be set if a frame error, noise or an overrun error has been detected during reception. Clearing the RDRF bit is performed by the following software sequence done by: a) An access to the SCISR register b) A read to the SCIDR register. The RDRF bit must be cleared before the end of the reception of the next character to avoid an overrun error. Break character When a break character is received, the SCI handles it as a framing error. Idle character When an idle frame is detected, there is the same procedure as a data received character plus an interrupt if the ILIE bit is set and the I bit is cleared in the CCR register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |