Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72344S4 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 158Page - STMicroelectronics ST72344S4 Datasheet HTML 159Page - STMicroelectronics ST72344S4 Datasheet HTML 160Page - STMicroelectronics ST72344S4 Datasheet HTML 161Page - STMicroelectronics ST72344S4 Datasheet HTML 162Page - STMicroelectronics ST72344S4 Datasheet HTML 163Page - STMicroelectronics ST72344S4 Datasheet HTML 164Page - STMicroelectronics ST72344S4 Datasheet HTML 165Page - STMicroelectronics ST72344S4 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
162/247
Doc ID 12321 Rev 6
Figure 69). BTF is cleared by reading SR1 register followed by writing the next byte in
DR register.
●
Following a byte reception, this bit is set after transmission of the acknowledge clock
pulse if ACK=1. BTF is cleared by reading SR1 register followed by reading the byte
from DR register.
The SCL line is held low while BTF=1.
0: Byte transfer not done
1: Byte transfer succeeded
Bit 2 = ADSL Address matched (Slave mode).
This bit is set by hardware as soon as the received slave address matched with the
OAR register content or a general call is recognized. An interrupt is generated if ITE=1.
It is cleared by software reading SR1 register or by hardware when the interface is
disabled (PE=0).
The SCL line is held low while ADSL=1.
0: Address mismatched or not received
1: Received address matched
Bit 1 = M/SL Master/Slave.
This bit is set by hardware as soon as the interface is in Master mode (writing
START=1). It is cleared by hardware after detecting a Stop condition on the bus or a
loss of arbitration (ARLO=1). It is also cleared when the interface is disabled (PE=0).
0: Slave mode
1: Master mode
Bit 0 = SB Start bit (Master mode).
This bit is set by hardware as soon as the Start condition is generated (following a write
START=1). An interrupt is generated if ITE=1. It is cleared by software reading SR1
register followed by writing the address byte in DR register. It is also cleared by
hardware when the interface is disabled (PE=0).
0: No Start condition
1: Start condition generated
I2C status register 2 (SR2)
Reset value: 0000 0000 (00h)
Bit 7:5 = Reserved.
Forced to 0 by hardware.
7
0
0
0
0
AF
STOPF
ARLO
BERR
GCAL
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com