Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72344S4 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 26Page - STMicroelectronics ST72344S4 Datasheet HTML 27Page - STMicroelectronics ST72344S4 Datasheet HTML 28Page - STMicroelectronics ST72344S4 Datasheet HTML 29Page - STMicroelectronics ST72344S4 Datasheet HTML 30Page - STMicroelectronics ST72344S4 Datasheet HTML 31Page - STMicroelectronics ST72344S4 Datasheet HTML 32Page - STMicroelectronics ST72344S4 Datasheet HTML 33Page - STMicroelectronics ST72344S4 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 247 page
background image
Flash program memory
ST72344xx, ST2345xx
30/247
Doc ID 12321 Rev 6
In Flash devices, this protection is removed by reprogramming the option. In this case, both
program and data E2 memory are automatically erased, and the device can be
reprogrammed.
Read-out protection selection depends on the device type:
In Flash devices, it is enabled and removed through the FMP_R bit in the option byte.
In ROM devices, it is enabled by mask option specified in the Option List.
4.5.2
Flash write/erase protection
Write/erase protection, when set, makes it impossible to both overwrite and erase program
memory. It does not apply to E2 data. Its purpose is to provide advanced security to
applications and prevent any change being made to the memory content.
Warning:
Once set, Write/erase protection can never be removed. A
write-protected Flash device is no longer reprogrammable.
Write/erase protection is enabled through the FMP_W bit in the option byte.
4.6
Register description
4.6.1
Flash control/status register (FCSR)
Reset value: 0000 0000 (00h)
1st RASS Key: 0101 0110 (56h)
2nd RASS Key: 1010 1110 (AEh)
Note:
This register is reserved for programming using ICP, IAP or other programming methods. It
controls the XFlash programming and erasing operations. For details on XFlash
programming, refer to the ST7 Flash Programming Reference Manual.
When an EPB or another programming tool is used (in socket or ICP mode), the RASS keys
are sent automatically.
7
0
0
0000
OPT
LAT
PGM
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com